Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 31Page - STMicroelectronics L6983I Datasheet HTML 32Page - STMicroelectronics L6983I Datasheet HTML 33Page - STMicroelectronics L6983I Datasheet HTML 34Page - STMicroelectronics L6983I Datasheet HTML 35Page - STMicroelectronics L6983I Datasheet HTML 36Page - STMicroelectronics L6983I Datasheet HTML 37Page - STMicroelectronics L6983I Datasheet HTML 38Page - STMicroelectronics L6983I Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Figure 42. External synchronization (AC coupling)
VIN
VIN
EN/CLKIN
AGND
AGND
EP
VIN
GND
L6983I
FSW
RFSW1
VPP
REN1
REN2
CEN
The AC-coupling allows the device to keep the power-up and down thresholds defined by the partition connected
to the EN/CLKIN pin and described in Section 9.3 Programmable power-up threshold.
The following table shows the minimum pulse duration for the external signal and maximum duty cycle that allows
the synchronization by keeping the selected power-up and down thresholds.
Table 8. External synchronization AC coupling suggested operation range
VPP [V]
TON,MIN, EXT Clock [ns]
DMAX, EXTClock [%]
2.3
60
45
3.3
20
30
5
20
20
The minimum amplitude for the external clock signal is, for both the configurations, equal to 2.3 V.
The network given by CEN and RENL sets a high-pass filter. Considering a resistor in the order of 220 KΩ, a
capacitor equal to 1 nF is a correct choice.
L6983I
Output External synchronization
DS14040 - Rev 1
page 35/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com