Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 39Page - STMicroelectronics L6983I Datasheet HTML 40Page - STMicroelectronics L6983I Datasheet HTML 41Page - STMicroelectronics L6983I Datasheet HTML 42Page - STMicroelectronics L6983I Datasheet HTML 43Page - STMicroelectronics L6983I Datasheet HTML 44Page - STMicroelectronics L6983I Datasheet HTML 45Page - STMicroelectronics L6983I Datasheet HTML 46Page - STMicroelectronics L6983I Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
10.4
Output capacitors selection
Primary output capacitor
As in a standard buck converter, the primary output capacitor is involved in:
•
Determining the output voltage ripple
•
Supporting load transient
•
Loop stability, by setting one pole and one zero in the transfer function
Considering the output voltage ripple requirement, the primary output capacitance should be selected according
to the following equation:
COUT_pri=
ΔIpri
8∙fSW∙ΔVOUT_pri−ESR∙ΔIpri
(46)
Normally, MLCC capacitors are the best choice for the output capacitor, therefore the ESR contribution is
negligible and Eq. (46) can be simplified.
Secondary output capacitor
The secondary output capacitor supplies the secondary output load current during the tON (when diode D1 is
reverse biased) and its value defines the secondary output voltage ripple (ΔVOUT).
COUT_sec= IOUT_sec∙D
ΔVOUT_sec∙fSW
(47)
L6983I
Output capacitors selection
DS14040 - Rev 1
page 43/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com