Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 24Page - STMicroelectronics L6983I Datasheet HTML 25Page - STMicroelectronics L6983I Datasheet HTML 26Page - STMicroelectronics L6983I Datasheet HTML 27Page - STMicroelectronics L6983I Datasheet HTML 28Page - STMicroelectronics L6983I Datasheet HTML 29Page - STMicroelectronics L6983I Datasheet HTML 30Page - STMicroelectronics L6983I Datasheet HTML 31Page - STMicroelectronics L6983I Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
mC=1+SeSnSe=VPP∙gCS∙fSW
Sn=VIN−VOUTL
(8)
Where ISLOPE is equal to 1 [A].
Sn represents the on-time slope of the sensed inductor current, Se the on-time slope of the external ramp that
implements the slope compensation to avoid sub-harmonic oscillations at duty cycle over 50%.
The sampling effect contribution FH(s) is:
FHs= 1
1+ s
ωn∙Qp+s2ωn2
(9)
where
QP= 1
π∙ mC∙ 1−D −0.5
(10)
8.2
Error amplifier compensation network
The following figure shows the typical compensation network required to stabilize the system.
Figure 35. Transconductance embedded error amplifier
RC and CC introduce a pole and a zero in the open loop gain. The transfer function of the error amplifier and its
compensation network is:
L6983I
Error amplifier compensation network
DS14040 - Rev 1
page 28/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com