Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 32Page - STMicroelectronics L6983I Datasheet HTML 33Page - STMicroelectronics L6983I Datasheet HTML 34Page - STMicroelectronics L6983I Datasheet HTML 35Page - STMicroelectronics L6983I Datasheet HTML 36Page - STMicroelectronics L6983I Datasheet HTML 37Page - STMicroelectronics L6983I Datasheet HTML 38Page - STMicroelectronics L6983I Datasheet HTML 39Page - STMicroelectronics L6983I Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
10
Design of the external components
10.1
Input capacitor selection
The input capacitor, just like in a standard buck, should limit the input voltage ripple. Key parameters of the input
capacitor are, together with its value, the maximum operating voltage and the RMS current capability.
The input capacitor voltage rating must be higher than the maximum input operating voltage of the application.
During the switching activity a pulsed current flows into the input capacitor and so its RMS current capability must
be selected according to the application conditions. Internal losses of the input filter depend on the ESR value
so usually low ESR capacitors (like multilayer ceramic capacitors) have higher RMS current capability. On the
other hand, given the RMS current value, a lower ESR input filter has lower losses and so contributes to higher
conversion efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
IRMS=IOUT_pri+IOUT_secN∙ 1‐Dη∙Dη
(31)
In the ideal case of efficiency η = 1, the RMS current reaches its maximum value when D = 0.5.
In general, the maximum and minimum duty cycles can be calculated as:
DMAX= VOUT_pri+ΔVLS
VINmin+ΔVLS−ΔVHS
(32)
DMIN= VOUT_pri+ΔVLS
VINmax+ΔVLS−ΔVHS
(33)
Where ΔVHS and ΔVLS are the voltage drop across the high-side and low-side MOSFETs respectively.
The AC component of the input current (see figure below) flows in the input capacitor, generating the input voltage
ripple.
Figure 43. Input capacitor AC current
The peak to peak voltage across the input capacitor can be calculated as follows:
VPP= IOUT_pri+IOUT_sec∙NsecNpri
CIN∙fSW ∙Dη∙1−Dη +ESR∙IOUT_pri+IOUT_sec+∆IL2
(34)
In case of negligible ESR (for example, in the case of MLCC capacitors) Eq. (34) can be simplified. The value of
the input capacitor can be so derived:
CIN=IOUT_pri+IOUT_sec∙NsecNpri
VPP∙fSW ∙Dη∙1−Dη
(35)
L6983I
Design of the external components
DS14040 - Rev 1
page 36/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com