Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 26Page - Analog Devices AD1986ABSTZ Datasheet HTML 27Page - Analog Devices AD1986ABSTZ Datasheet HTML 28Page - Analog Devices AD1986ABSTZ Datasheet HTML 29Page - Analog Devices AD1986ABSTZ Datasheet HTML 30Page - Analog Devices AD1986ABSTZ Datasheet HTML 31Page - Analog Devices AD1986ABSTZ Datasheet HTML 32Page - Analog Devices AD1986ABSTZ Datasheet HTML 33Page - Analog Devices AD1986ABSTZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
AD1986A
Rev. 0 | Page 30 of 56
Register
Function
Writing a 1 to this bit causes a sense cycle start if supported. If a sense cycle is in progress, writing a 0 to this bit will
abort the sense cycle. The data in the sense result register (0x6A, Page 01) can or can not be valid, as determined by
the IV bit.
I1
Read
Write
0
Sense cycle completed (or not initiated)
Default
Aborts sense cycle (if in
process)
1
Sense cycle still in process
Initiate sense cycle
I1
(Sense Cycle
(Read/Write))
These bits will indicate the cause(s) of an interrupt. This information should be used to service the correct interrupting
event(s). If the Interrupt Status (Bit I4) is set, one or both of these bits must be set to indicate the interrupt cause.
Hardware will reset these bits back to zero when the interrupt status bit is cleared.
I2
Interrupt Status
0
Sense status has not changed (did not cause interrupt). Default
1
Sense cycle completed or new sense information is available
I3
0
GPIO status change did not cause interrupt
I [3:2]
(
Interrupt Cause
(RO))
1
GPIO status change caused interrupt
Interrupt event is cleared by writing a 1 to this bit. The interrupt bit will change regardless of condition of interrupt
enable (I0) status. An interrupt in the GPI in Slot 12 in the AC link will follow this bit change when interrupt enable (I0)
is unmasked. If this bit is set, one or both of I3 or I2 must be set to indicate the interrupt cause.
I4
Read
Write
0
Interrupt clear
Default
No operation
I4
(Interrupt Status
(Read/Write))
1
Interrupt generated
Clears interrupt
x
Reserved.
Default: 0
POWER-DOWN CTRL/STAT (REGISTER 0x26)
The ready bits are read only; writing to REF, ANL, DAC, and ADC has no effect. These bits indicate the status for the AD1986A
subsections. If the bit is 1 then that subsection is ready.‘Ready’ is defined as the subsection able to perform in its nominal state.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x26
Power-
Down
Ctrl/Stat
EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
x
x
x
x
REF
ANL
DAC
ADC
0x000x
Table 89.
Register
ADC
ADC Status
0
ADC not ready
1
ADC sections ready to transmit data
ADC (RO)
(ADC Section
Status (RO))
DAC
Front DAC Status
0
ADC not ready
ADC (RO)
((Front DAC
Status (RO))
1
ADC sections ready to transmit data
ANL
Analog Status
0
Analog amplifiers, attenuators, and mixers not ready
ANL (RO)
(Analog
Amplifiers,
Attenuators and
Mixers Status
(RO))
1
Analog amplifiers, attenuators, and mixers ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com