Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 12Page - Analog Devices AD1986ABSTZ Datasheet HTML 13Page - Analog Devices AD1986ABSTZ Datasheet HTML 14Page - Analog Devices AD1986ABSTZ Datasheet HTML 15Page - Analog Devices AD1986ABSTZ Datasheet HTML 16Page - Analog Devices AD1986ABSTZ Datasheet HTML 17Page - Analog Devices AD1986ABSTZ Datasheet HTML 18Page - Analog Devices AD1986ABSTZ Datasheet HTML 19Page - Analog Devices AD1986ABSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
AD1986A
Rev. 0 | Page 16 of 56
Table 32. Center/LFE DAC Audio Output
NID
Name
TID
Type
Description
0x05
Center/LFE DAC Audio Output
0x0
Audio Output
Designates the surround channel DACs.
Table 33. Record ADC Audio Input
NID
Name
TID
Type
Description
0x06
Record ADC Audio Input
0x1
Audio Input
Designates the record channel ADCs.
Table 34. Analog Mixer
NID
Name
TID
Type
Description
0x07
Analog Mixer
0x2
Audio Mixer
Mixes analog input signals into line out audio.
Table 35. Mono Mixer
NID
Name
TID
Type
Description
0x08
Mono Mixer
0x2
Audio Mixer
Mixes the left/right channels from the analog mixer into a
mono signal.
Table 36. Downmix
NID
Name
TID
Type
Description
0x09
Surround to Stereo Down Mix
0x2
Audio Mixer
Mixes 5.1 stereo to 4.0 or 2.0 on front channels.
Table 37. ADI Specific Verb Support
Payload
Verb
G/S
VID
Description
Bits
Response
(32 Bits)
Description
Amplifier
Gain/Mute
Get
B--0x
Amp/Index
16
Amp
settings
This widget contains mute bits for the output and only one input.
Surround DAC (input amp Index 0), has a mute bit. The CLFE DAC
input (input amp Index 1) does not have a mute control.
Writing the CLFE DAC input mute will have no effect and will
always return a 0 when read.
Set
3--0x
Amp Set Payload
16
N/A (0)
Table 38. Headphone Selector
NID
Name
TID
Type
Description
0x0A
Headphone Selector
0x3
Audio Selector
Chooses the HP source.
Table 39. Line Out Selector
NID
Name
TID
Type
Description
0x0B
Line Out Selector
0x3
Audio Selector
Chooses the line out source.
Table 40. Surround Selector
NID
Name
TID
Type
Description
0x0C
Surround Selector
0x3
Audio Selector
Chooses the surround source.
Table 41. Center/LFE Selector
NID
Name
TID
Type
Description
0x0D
Center/LFE Selector
0x3
Audio Selector
Chooses the center/LFE source.
Table 42. Mono Out Selector
NID
Name
TID
Type
Description
0x0E
Mono Out Selector
0x3
Audio Selector
Chooses the mono out source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com