Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 15Page - Analog Devices AD1986ABSTZ Datasheet HTML 16Page - Analog Devices AD1986ABSTZ Datasheet HTML 17Page - Analog Devices AD1986ABSTZ Datasheet HTML 18Page - Analog Devices AD1986ABSTZ Datasheet HTML 19Page - Analog Devices AD1986ABSTZ Datasheet HTML 20Page - Analog Devices AD1986ABSTZ Datasheet HTML 21Page - Analog Devices AD1986ABSTZ Datasheet HTML 22Page - Analog Devices AD1986ABSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
AD1986A
Rev. 0 | Page 19 of 56
Table 60. MIC_1/2 In
NID
Name
TID
Type
Description
0x1F
MIC_1/2 In
0x4
Pin Complex
MIC_1/2 IN pin driver. Can be configured as a microphone or
Line_In input.
Table 61. Line In
NID
Name
TID
Type
Description
0x20
Line In
0x4
Pin Complex
LINE_IN pin driver. Can be configured as a Line_In or
microphone input.
Table 62. Aux In
NID
Name
TID
Type
Description
0x21
Aux In
0x4
Pin Complex
AUX_IN pin driver. Line level auxiliary input.
Table 63. CD In
NID
Name
TID
Type
Description
0x22
CD In
0x4
Pin Complex
CD_IN pin driver. Differential, low noise, analog CD audio
input.
Table 64. Phone In
NID
Name
TID
Type
Description
0x23
Phone In
0x4
Pin Complex
PHONE_IN pin driver. Mono line level input.
Table 65. PCBeep In
NID
Name
TID
Type
Description
0x24
PCBeep In
0x4
Pin Complex
PCBEEP_IN pin driver. Mono line level input. When the
AD1986A is in reset, the signal on this pin is routed to all
output capable pins. Used for BIOS POST beeps or messages.
Table 66. S/PDIF Out
NID
Name
TID
Type
Description
0x25
S/PDIF Out
0x4
Pin Complex
Digital S/PDIF output drivers. This pin can be hardware-
enabled by connecting an external resistor to DVSS or by
software control.
Table 67. Analog Power-Down
NID
Name
TID
Type
Description
0x26
Analog Power-Down
0x5
Power Widget
Controls power on analog mixer and associated amplifiers.
This will control the power state of all widgets in its
connection list.
Table 68. MIC/C/LFE Mixer
NID
Name
TID
Type
Description
0x27
MIC / C/LFE Mixer
0x2
Audio Mixer
Mixes the MIC1/2_IN and C/LFE input signals together to
support simultaneous microphones on front and rear panels.
Multiple microphones do not have individual gain controls.
Table 69. MIC/Line In Mixer
NID
Name
TID
Type
Description
0x28
MIC / Line In Mixer
0x2
Audio Mixer
Mixes the MIC1/2_IN and LINE_IN input signals together to
support simultaneous microphones on front and rear panels.
Multiple microphones do not have individual gain controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com