Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 16Page - Analog Devices AD1986ABSTZ Datasheet HTML 17Page - Analog Devices AD1986ABSTZ Datasheet HTML 18Page - Analog Devices AD1986ABSTZ Datasheet HTML 19Page - Analog Devices AD1986ABSTZ Datasheet HTML 20Page - Analog Devices AD1986ABSTZ Datasheet HTML 21Page - Analog Devices AD1986ABSTZ Datasheet HTML 22Page - Analog Devices AD1986ABSTZ Datasheet HTML 23Page - Analog Devices AD1986ABSTZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
AD1986A
Rev. 0 | Page 20 of 56
Table 70. C/LFE/Line In Mixer
NID
Name
TID
Type
Description
0x29
C/LFE / Line In Mixer
0x2
Audio Mixer
Mixes the C/LFE and LINE_IN input signals together to
support simultaneous microphones on front and rear panels.
Multiple microphones do not have individual gain controls.
Table 71. MIC/Line In/C/LFE Mixer
NID
Name
TID
Type
Description
0x2A
MIC/Line In/C/LFE Mixer
0x2
Audio Mixer
Mixes the MIC1/2_IN, LINE_IN and C/LFE input signals to
support simultaneous microphones on front and rear panels.
Multiple microphones do not have individual gain controls.
Table 72. MIC_1/2 Mixer
NID
Name
TID
Type
Description
0x2B
MIC_1/2 Mixer
0x2
Audio Mixer
Mixes the left and right channels of the selected microphone
input into a mono stream. This signal drives both the left and
right channels of the following circuitry. Used to mix two
mono microphones on separate jacks. Left and right
microphones can be programmed with separate gain boost
(0 dB, 10 dB, 20 dB, or 30 dB), but do not have any other gain
or mute controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com