Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 21Page - Analog Devices AD1986ABSTZ Datasheet HTML 22Page - Analog Devices AD1986ABSTZ Datasheet HTML 23Page - Analog Devices AD1986ABSTZ Datasheet HTML 24Page - Analog Devices AD1986ABSTZ Datasheet HTML 25Page - Analog Devices AD1986ABSTZ Datasheet HTML 26Page - Analog Devices AD1986ABSTZ Datasheet HTML 27Page - Analog Devices AD1986ABSTZ Datasheet HTML 28Page - Analog Devices AD1986ABSTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
AD1986A
Rev. 0 | Page 25 of 56
LINE_IN VOLUME (REGISTER 0x10)
This register controls the LINE_IN gain and mute to the analog mixer section. The volume register contains five bits, generating
32 volume steps of −1.5 dB each for a range of +12.0 dB to −34.5 dB. This does not control the record ADC gain (see Register 0x1C).
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x10
Line In
Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
Table 80.
Register
Function
Controls the left/right channel gains of this input to the analog mixer from +12 dB to −34.5 dB. The least significant bit
represents −1.5 dB.
L/RM
L/RV [4:0]
Function
Default
0
0 0000
12 dB gain
0
0 1000
0 dB
Default
0
1 1111
−34.5 dB attenuation
L/RV [4:0]
(Left/Right
Volume)
1
x xxxx
Muted
L/RM
(Left/Right
Mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0
CD VOLUME (REGISTER 0x12)
This register controls the CD gain and mute to the analog mixer section. The volume register contains five bits, generating 32 volume
steps of −1.5 dB each for a range of +12.0 dB to −34.5 dB. This does not control the record ADC gain (see Register 0x1C).
Many operating systems will play CDs directly using the digital data from the CD tracks. This control will only affect CD audio playback
if it is enabled for analog and this input is connected to the CD player analog connection.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x12
CD Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
Table 81.
Register
Function
Controls the left/right channel gains of this input to the analog mixer from +12 dB to –34.5 dB. The least significant bit
represents –1.5 dB.
L/RM
L/RV [4:0]
Function
Default
0
0 0000
12 dB gain
0
0 1000
0 dB
Default
0
1 1111
−34.5 dB attenuation
L/RV [4:0]
(Left/Right
Volume)
1
x xxxx
Muted
L/RM
(Left/Right
Mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com