Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 20Page - Analog Devices AD1986ABSTZ Datasheet HTML 21Page - Analog Devices AD1986ABSTZ Datasheet HTML 22Page - Analog Devices AD1986ABSTZ Datasheet HTML 23Page - Analog Devices AD1986ABSTZ Datasheet HTML 24Page - Analog Devices AD1986ABSTZ Datasheet HTML 25Page - Analog Devices AD1986ABSTZ Datasheet HTML 26Page - Analog Devices AD1986ABSTZ Datasheet HTML 27Page - Analog Devices AD1986ABSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
AD1986A
Rev. 0 | Page 24 of 56
Table 78.
Register
Function
Controls the gain of this input to the analog mixer from +12.0 dB to −34.5 dB. The least significant bit represents −1.5
dB.
MV
[4:0]
Function
Default
0
0 0000
12 dB gain
0
0 1000
0 dB
Default
0
1 1111
−34.5 dB attenuation
V [4:0]
(Volume)
1
x xxxx
Muted
M (Mute)
Mutes the input to the analog mixer.
Default: muted (0x1)
x
Reserved.
Default: 0
MICROPHONE VOLUME (REGISTER 0x0E)
This register controls the MIC_1 (left) and MIC_2 (right) channels’ gain, boost, and mute to the analog mixer section. The volume register
contains five bits, generating 32 volume steps of −1.5 dB each for a range of +12.0 dB to −34.5 dB. This does not control the record ADC
gain (see Register 0x1C).
In typical stereo microphone applications, the signal paths must be identical and should be set to the same gain, boost, and mute values.
With stereo controls, this input is capable of using nonmicrophone sources by disabling the microphone boost (M20 bit = 0).
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x0E
Microphone
Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
M20
x
RV4
RV3
RV2
RV1
RV0
0x8888
Table 79.
Register
Function
Controls the left/right channel gains of this input to the analog mixer from +12 dB to −34.5 dB. The least significant bit
represents −1.5 dB.
L/RM
L/RV [4:0]
Function
Default
0
0 0000
12 dB gain
0
0 1000
0 dB
Default
0
1 1111
−34.5 dB attenuation
L/RV [4:0]
(Left/Right
Volume)
1
x xxxx
Mute
Enables additional gain to increase the microphone sensitivity. This controls the boost of both the MIC_1 and MIC_2 channels.
The nominal gain boost by default is 20 dB; however, MBG0 [1:0] bits (Register 0x76), allow changing the gain boost to 10 dB
or 30 dB if necessary.
M20
MGB0 [1:0]
Boost Gain
Default
0
xx
0 dB gain
Default: disabled
1
00
20 dB gain
Default
1
01
10 dB gain
M20
(MIC_1/2
Gain
Boost)
1
x xxxx
Mute
L/RM
(Left/Right
Mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com