Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 18Page - Analog Devices AD1986ABSTZ Datasheet HTML 19Page - Analog Devices AD1986ABSTZ Datasheet HTML 20Page - Analog Devices AD1986ABSTZ Datasheet HTML 21Page - Analog Devices AD1986ABSTZ Datasheet HTML 22Page - Analog Devices AD1986ABSTZ Datasheet HTML 23Page - Analog Devices AD1986ABSTZ Datasheet HTML 24Page - Analog Devices AD1986ABSTZ Datasheet HTML 25Page - Analog Devices AD1986ABSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
AD1986A
Rev. 0 | Page 22 of 56
Table 74.
Register
Function
Left/right volume controls the left/right channel output gains from 0 dB to –46.5 dB.
The least significant bit represents –1.5 dB.
L/RM
L/RV [4:0]
Function
Default
0
0 0000
0 dB
Default
0
0 1111
−22.5 dB attenuation
0
1 1111
−46.5 dB attenuation
L/RV [4:0]
(Left/Right
Volume)
1
x xxxx
Muted
L/RM
(Left/right mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0
HEADPHONE VOLUME (REGISTER 0x04)
This register controls the HP_OUT mute and volume controls. Each volume subregister contains five bits, generating 32 volume steps of
−1.5 dB each for a range of 0 dB to −46.5 dB.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x04
Headphones
Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8080
Table 75.
Register
Function
Left/right volume controls the left/right channel output gains from 0 dB to –46.5 dB.
The least significant bit represents –1.5 dB.
L/RM
L/RV [4:0]
Function
Default
0
0 0000
0 dB
Default
0
0 1111
−22.5 dB attenuation
0
1 1111
−46.5 dB attenuation
L/RV [4:0]
(Left/Right
Volume)
1
x xxxx
Muted
L/RM
(Left/Right Mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0
MONO VOLUME (REGISTER 0x06)
This register controls the MONO_OUT mute and volume control. The volume register contains five bits, generating 32 volume steps of
−1.5 dB each for a range of 0 dB to −46.5 dB.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x06
Mono Volume
M
x
x
x
x
x
x
x
x
x
x
V4
V3
V2
V1
V0
0x8000
Table 76.
Register
Function
V [4:0]
Volume controls the output gain from 0 dB to –46.5 dB. The least significant bit represents –1.5 dB.
(Volume)
M
V [4:0]
Function
Default
0
0 0000
0 dB
Default
0
0 1111
−22.5 dB attenuation
0
1 1111
−46.5 dB attenuation
1
x xxxx
Muted
M (Mute)
Mutes the output.
Default: muted (0x1)
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com