Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 45Page - Analog Devices AD1986ABSTZ Datasheet HTML 46Page - Analog Devices AD1986ABSTZ Datasheet HTML 47Page - Analog Devices AD1986ABSTZ Datasheet HTML 48Page - Analog Devices AD1986ABSTZ Datasheet HTML 49Page - Analog Devices AD1986ABSTZ Datasheet HTML 50Page - Analog Devices AD1986ABSTZ Datasheet HTML 51Page - Analog Devices AD1986ABSTZ Datasheet HTML 52Page - Analog Devices AD1986ABSTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
AD1986A
Rev. 0 | Page 49 of 56
FUNCTION SELECT REGISTER (REGISTER 0x66, PAGE 01)
This register is used to select which function (analog I/O pins), information and I/O (0x6801), and sense (0x6A01) registers apply to it.
The AD1986A associates FC = 0x0 with surround functions and FC = 0x01 with front functions. These are changed in the AD1986A to
align with the device pinout and to separate LINE_OUT functions.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x661
Function
Select
x
x
x
x
x
x
x
x
x
x
x
FC3
FC2
FC1
FC0
T/R
0x0000
Table 113.
Register
Function
T/R
(FIP or Ring
Selection Bit)
This bit sets which jack conductor the sense value is measured from. Software will program the corresponding rng/tp
selector bit together with the I/O number in bits FC [3:0]. Once software programs the value and properly reads it back to
confirm selection and implementation, it will access the rest of the bits fields in the descriptor. Mono inputs and outputs
should report the relevant function and sense information when T/R is set to 0 (tip). The FIP bit should report 0 (Page
0x01, Register 0x68, Bit 0 reports no function information present) when T/R is set to a 1 on a mono input or output.
T/R
Function
0
Tip (left channel)
Default
1
Ring (right channel)
These bits specify the type of audio function described by this page. These bits are read/write and represent current
AC ’97 Revision 2.2 defined I/O capabilities. Software will program the corresponding I/O number in this field together
with the tip/ring selector bit T/R. Once software programs the value and properly reads it back to confirm selection and
implementation, it will access the rest of the bits fields in the descriptor.
FC [3:0]
Function
Default
FC [3:0]
Function Code
Bits
0x0
DAC 1 (master out). maps to front DACs (L/R)
Default
0x1
DAC 2 (AUX out). maps to surround DACs (L/R)
0x2
DAC 3 (C/LFE). maps to C/LFE DACs
0x3
S/P-DIF out
0x4
Phone in
0x5
MIC_1 (Mic select = 0)
0x6
MIC_2 (Mic select = 1)
0x7
Line in
0x8
CD in
0x9
Video in
Not supported on the
AD1986A
0xA
Aux in
0xB
Mono out
0xC
Headphone ut
0xD–0xF
Reserved
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com