Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 25Page - Analog Devices AD1986ABSTZ Datasheet HTML 26Page - Analog Devices AD1986ABSTZ Datasheet HTML 27Page - Analog Devices AD1986ABSTZ Datasheet HTML 28Page - Analog Devices AD1986ABSTZ Datasheet HTML 29Page - Analog Devices AD1986ABSTZ Datasheet HTML 30Page - Analog Devices AD1986ABSTZ Datasheet HTML 31Page - Analog Devices AD1986ABSTZ Datasheet HTML 32Page - Analog Devices AD1986ABSTZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AD1986A
Rev. 0 | Page 29 of 56
GENERAL-PURPOSE (REGISTER 0x20)
This register should be read before writing to generate a mask for only the bit(s) that need to be changed.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x20
General-
Purpose
x
x
x
x
DRSS1
DRSS0
MIX
MS
LPBK
x
x
x
x
x
x
x
0x0000
Table 87.
Register
Function
Default
LPBK
(Loop-
Back
Control)
This bit enables the digital internal loop back from the ADC to the front DAC. This feature is normally used for
testing and troubleshooting. See LBKS bit in Register 0x74 for changing the loop back path to use the
SURROUND or CENTER/LFE DACs.
Default:
disabled
(0x0)
MS
(MIC
Select)
Used in conjunction with OMS [2:0] (0x74 D10:08]), 2CMIC (0x76 D06) and MMIX (0x7A D02). Selects which MIC
input goes into the ADC0 record selector’s MIC channel inputs. When set, this bit swaps the left and right
channels. Selects mono output audio source.
MIX
Mono Output Connection
0
MIX—Connected to the mono mixer output.
Default
MIX
(Mono
Output
Select)
1
MIC—Connected to the left channel of the MIC selector and swap.
The DRSS bits specify the slots for the n+1 sample outputs. PCM L (n+1) and PCM R (n+1) data are by default
provided in output Slots 10 and 11.
DRSS [1:0]
Function
00
PCM L, R (n+1) data is on Slots 10 and 11
Default
01
PCM L, R (n+1) data is on Slots 7 and 8
DRSS [1:0]
(Double
Rate Slot
Select)
1x
Reserved
x
Reserved.
Default: 0
AUDIO INT AND PAGING (REGISTER 0x24)
This register controls the audio interrupt and register paging mechanisms.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x24
Audio Int and
Paging
I4
I3
I2
I1
I0
x
x
x
x
x
x
x
PG3
PG2
PG1
PG0
0xxx00
Table 88.
Register
Function
This register is used to select a descriptor of 16 word pages between Registers 0x60 to 0x6F. A value of 0x0 is used to
select vendor-specific space to maintain compatibility with AC ’97 Revision 2.2 vendor specific registers. System
software can determine implemented pages by writing the page number and reading the value back. If the value read
back does not match the value written, the page is not implemented. All implemented pages must be in consecutive
order (that is, Page 0x2 cannot be implemented without Page 0x1).
PG [3:0]
Addressing Page Selection
Default
000 (Page 0)
Page 0 (vendor) registers
Default
001 (Page 1)
Page ID 01, registers defined in AC ’97, Revision 2.3
PG [3:0]
(Page Selector
(Read/Write))
Page 0x–0xF
Reserved
Software should not unmask the interrupt unless the AC ’97 controller ensures that no conflict is possible with modem
Slot 12—GPI functionality. AC ’97 Revision 2.2-compliant controllers will not likely support audio codec interrupt
infrastructure. In that case, software can poll the interrupt status after initiating a sense cycle and waiting for sense
cycle max delay (defined by software) to determine if an interrupting event has occurred.
I0
Interrupt Mask Status
0
Interrupt generation is masked
Default
I0
(Interrupt Enable
(Read/Write))
1
Interrupt generation is unmasked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com