Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 19Page - Analog Devices AD1986ABSTZ Datasheet HTML 20Page - Analog Devices AD1986ABSTZ Datasheet HTML 21Page - Analog Devices AD1986ABSTZ Datasheet HTML 22Page - Analog Devices AD1986ABSTZ Datasheet HTML 23Page - Analog Devices AD1986ABSTZ Datasheet HTML 24Page - Analog Devices AD1986ABSTZ Datasheet HTML 25Page - Analog Devices AD1986ABSTZ Datasheet HTML 26Page - Analog Devices AD1986ABSTZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
AD1986A
Rev. 0 | Page 23 of 56
PC BEEP (REGISTER 0x0A)
This controls the level of the analog PC beep or the level and frequency of the digital PC beep. The volume register contains four bits,
generating 16 volume steps of −3.0 dB each for a range of 0 dB to −45.0 dB. The tone frequency can be set between 47 Hz to 12,000 Hz or
disabled.
Per Intel’s BIOS writer’s guide, the PC beep signal should play via headphone out, line out, and mono out paths. BIOS algorithms should
unmute the PC beep register and the path to each output, and set the volume levels for playback.
When the AD1986A is in reset (the external RESET pin is low), the PCBEEP_IN pin is connected internally to all of the device output
pins (HEADPHONE L/R, LINE_OUT L/R, MONO_OUT, SURROUND L/R, and CENTER/LFE). There are no amplifiers or attenuators
on this path and the external circuitry connected to this pin should anticipate the drive requirements for the multiple output sources.
Headphones connected to output pins will substantially load the signal.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x0A
PC
Beep
M
A/DS
x
F7
F6
F5
F4
F3
F2
F1
F0
V3
V2
V1
V0
x
0x8000
Table 77.
Register
Function
Controls the gain into the output mixer from 0 dB to −45.0 dB. The least significant bit represents −3.0 dB. The gain default
is 0 dB and muted.
M
V3...V0
Function
Default
0
0000
0 dB
Default
0
1111
−45 dB attenuation
V [3:0]
(Analog or
Digital
Volume)
1
xxxx
Muted
The result of dividing the 48 kHz clock by four times this number, allowing tones from 47 Hz to 12 kHz. A value of 0x00
disables internal PC beep generation. The digitally-generated signal is close to a square wave and is not intended to be a
high quality signal.
F7...F0
Function
0000
Disabled
Default
0001
12,000 Hz tone
F [7:0]
(PC Beep
Frequency)
1111
47 Hz tone
A/DS
(PC Beep
Source)
Selects either the digital PC beep generator (= 0) or analog PCBEEP pin (= 1). When the
codec is in reset mode the analog PCBEEP pin is routed to the outputs via a high impedance
path. Once out of reset, this bit must be programmed to a 1 to pass through any signals on
the analog PCBEEP pin. Designers can choose not to connect the analog PCBEEP pin and
use the digital PC beep generator solely.
Default: digitally-selected
(0x0)
M
(PC Beep
Mute)
When this bit is set to 1, the PC beep signal (analog or digital) is muted.
Default: muted (0x1)
x
Reserved.
Default: 0
PHONE VOLUME (REGISTER 0x0C)
This register controls the PHONE_IN mute and gain to the analog mixer section. The volume register contains five bits, generating
32 volume steps of 1.5 dB each for a range of 12.0 dB to −34.5 dB. This does not control the record ADC gain (see Register 0x1C).
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x0C
Phone
Volume
M
x
x
x
x
x
x
x
x
x
x
V4
V3
V2
V1
V0
0x8008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com