Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986ABSTZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 28Page - Analog Devices AD1986ABSTZ Datasheet HTML 29Page - Analog Devices AD1986ABSTZ Datasheet HTML 30Page - Analog Devices AD1986ABSTZ Datasheet HTML 31Page - Analog Devices AD1986ABSTZ Datasheet HTML 32Page - Analog Devices AD1986ABSTZ Datasheet HTML 33Page - Analog Devices AD1986ABSTZ Datasheet HTML 34Page - Analog Devices AD1986ABSTZ Datasheet HTML 35Page - Analog Devices AD1986ABSTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
AD1986A
Rev. 0 | Page 32 of 56
Register
Description
Setting
Function
CDAC (RO)
PCM CENTER DAC: read only
= 1
PCM center DAC supported
SDAC (RO)
PCM Surround DAC: read only
= 1
CM Surround DACs supported
LDAC (RO)
PCM LFE DAC: read only
= 1
PCM LFE DAC supported
AMAP (RO)
Slot DAC mappings: read only
= 1
Codec ID based slot/DAC mappings
REV [1:0] (RO)
AC97 version: read only
= 10
Codec is AC ’97, Revision 2.3-compliant
ID [1:0] (RO)
Codec configuration: read only
= 00
Primary AC ‘97
x
Reserved
Default: 0
EXT’D AUDIO STAT/CTRL (REGISTER 0x2A)
The extended audio status and control register is a read/write register that provides status and control of the extended audio features.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x2A
Ext’d Audio Stat/Ctrl
x
x
PRK
PRJ
PRI
SPCV
x
LDAC
SDAC
CDAC
SPSA1
SPSA0
x
SPDIF
DRA
VRA
0x0xx0
Table 91.
Register
Function
Enables variable rate audio mode. Enables sample rate registers and SLOTREQ signaling.
VRA
VRA State
Default
0
Disabled, sample rate 48 kHz for all ADCs and DACs
Default
VRA
(Variable Rate
Audio)
1
Enabled, ADCs and DACs can be set to variable sample rates
DRA = 1. Enables double-rate audio mode in which data from PCM L and PCM R in Output Slots 3 and 4 is used in
conjunction with PCM L (n + 1) and PCM R (n + 1) data to provide DAC streams at twice the sample rate designated by the
PCM front sample rate control register. When using the double rate audio, only the front DACs are supported and all other
DACs (surround, center, and LFE) are automatically powered down. The slot that contains the additional data is
determined by the DRSS [1:0] bits (0x20 D [11:10]). Note that DRA can be used without VRA, in which case the converter
rates are forced to 96 kHz if DRA = 1.
DRA
DRA State
Default
0
Disabled, DACs sample at the programmed rate
Default
DRA
(Double Rate
Audio)
1
Enabled, DACs sample at twice (2×) the programmed rate
SPDIF transmitter subsystem enable/disable bit (read/write).
This bit is also used to validate that the SPDIF transmitter output is actually enabled. The SPDIF bit is only allowed to be set
high, if the SPDIF pin (48) is pulled down at power-up enabling the codec transmitter logic. If the SPDIF pin is floating or
pulled high at power-up, the transmitter logic is disabled and therefore this bit returns a low, indicating that the SPDIF
transmitter is not available. This bit must always be read back, to verify that the SPDIF transmitter is actually enabled.
SPDIF
Function
0
Disables the S/PDIF transmitter
Default
1
Enables the S/PDIF transmitter
SPDIF
AC '97 Revision 2.2 AMAP-compliant default SPDIF slot assignments.
SPSA [1:0]
S/PDIF Slot Assignment
00
3 and 4
Default
01
7 and 8
10
6 and 9
SPSA [1:0]
(SPDIF Slot
Assignment
Bits:
(Read/Write))
11
10 and 11
CDAC
Center DAC Status
0
Center DAC not ready
1
Center DAC section ready to receive data
0
Surround DAC not ready
CDAC (RO)
(Center DAC
Status)
1
Surround DAC section ready to receive data
LDAC
LFE DAC Status
0
LFE DAC not ready
LDAC (RO)
(LFE DAC
Status)
1
LFE DAC section ready to receive data
SPCV (RO)
Indicates the status of the SPDIF transmitter subsystem, enabling the driver to determine if the currently programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com