Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 36Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 37Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 38Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 39Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 40Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 41Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 42Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 43Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
40
January 26, 2016
3.3.2.
WDT during SLEEP and STANDBY Mode
By default the WDT is disabled when the SLEEP or STANDBY Mode is activated. Since it uses a dedicated clock,
if needed, the WDT can continue running when the system is in SLEEP or STANDBY Mode. This feature is
enabled by setting bit WDTPMEN = 1 in register SMDCTRL (see Table 3.5).
If the WDT is running during the SLEEP Mode, then the system reset time-out (if enabled by SWDPOS
configuration in the WDTCONF register) generates a wake-up from sleep instead of a system reset. Refer to
section 3.5.4 for more information regarding wake-up sources.
If the WDT is running during STANDBY Mode, the “MCU reset time-out” generates a wake-up from standby
instead of an MCU reset. Refer to section 3.5.4 for more information regarding wake-up sources.
Note: If the WDT configuration register is locked, the time-out intervals cannot be modified before SLEEP or
STANDBY Mode entry.
3.3.3.
WDT Configuration Register
The WDT configuration register bits mapping and description are given in Table 3.3 and Table 3.4 respectively.
After POR, the WDT is enabled with a 160ms MCU time-out reset and no system reset generation.
Table 3.3
WDTCONF Register Bits Mapping
Name
WDTCONF
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
1
0
0
0
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
0x04
R/W = Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com