Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 94Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 95Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 96Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 97Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 98Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 99Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 100Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 101Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
98
January 26, 2016
Table 3.47 LINCTRL Registers Bits Description
Bit Description
3
LINWUMD: LIN wake-up detection mode (see Figure 3.27).
1 = LIN wake-up is detected if there is a falling edge at the LIN pin followed by a dominant state longer
than tLINWU and a rising edge at the LIN pin.
0 = LIN wake-up is detected if there is a falling edge at the LIN pin followed a by dominant state > tLINWU.
2:1
LINSHDB: LIN short de-bounce time configuration.
00 = LIN short is detected if it is longer than 96 cycles of OSCH/5 clock.
01 = LIN short is detected if it is longer than 128 cycles of OSCH/5 clock.
10 = LIN short is detected if it is longer than 192 cycles of OSCH/5 clock.
11 = LIN short is detected if it is longer than 255 cycles of OSCH/5 clock.
0
LINFAST: LIN fast mode enable bit.
1 = Fast mode is enabled.
0 = Fast mode is disabled.
Table 3.48 LINSTAT Register Bits Mapping
Name
LINSTAT
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
U
U
U
U
U
0
0
0
Access
U
U
U
U
U
R/W
R/W
R/W
Address
0x18
R/W = Read/Write ‘1’ bit; U = Unimplemented, read as ‘0’
Table 3.49 LINSTAT Register Bits Mapping
Bit Description
2
LINSHIF: LIN short interrupt flag.
1 = LIN short has been detected, and the transmitter is disabled.
0 = LIN short has not been detected.
1
LINDTOIF: LIN dominant time-out interrupt flag.
1 = Dominant time-out has been detected, and the transmitter is disabled.
0 = Dominant time-out has not been detected.
0
LINWUIF: LIN wake-up interrupt flag.
1 = Wake-up event has been detected on the LIN bus; i.e., the transition from SLEEP to NORMAL Mode is
caused by the LIN bus.
0 = Wake-up event has not been detected on the LIN bus; i.e. any transition from SLEEP to NORMAL
Mode has been caused by the WDT (see section 3.5.4).
Note: All LIN interrupt flags are cleared by writing ‘1’ in the corresponding LINSTAT bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com