Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 63Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 64Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 65Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 66Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 67Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 68Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 69Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 70Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
67
January 26, 2016
Important note: When the diagnostic circuitry is enabled (one of the HSxCSEN bits is set), then the
corresponding over-current protection circuitry is not active. Therefore enabling the driver when the diagnostic
circuitry is enabled is not recommended!
Table 3.22 HSDSTAT Register Bits Mapping
Name
HSDSTAT
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R/Wc
R/Wc
R/Wc
R/Wc
Address
0x0B
R/Wc = Read/Write 1 to clear; R = Read-only bit
Table 3.23 HSDSTAT Register Bits Description
Bit
Description
7:4
HSxOSF: Open/short status flag of the high-side driver x (x = 4 to 1). This flag is not registered; i.e., its value
remains as long as the diagnostic event takes place.
Refer to Table 3.24 for the descriptions of the HSxOSF bits.
3:0
HSxOCIF: Over-current interrupt flag of the high-side driver x (x = 4 to 1).
1 = There is an over-current in the output of driver x. The driver x is disabled as long as this bit is set.
0 = There is no over-current in the output of driver x.
Table 3.24 High-Side Diagnostic Bits Description
HSxCSHEN
HSxOSF
Description
1)
0
0
Normal load or short to VSS
2)
1
0
0
0
Open load
1
1
0
1
Short to VDDE
1
1
0
1
Not possible in normal application
1
0
1)
Important: The diagnostic result is correct only if the corresponding driver is switched off.
2)
In the event of a short, an over-current will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com