Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 20Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 21Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 22Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 23Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 24Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 25Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 26Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 27Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
24
January 26, 2016
1.3.3.
SPI Bus Timing
Refer to Figure 1.2 and Table 1.16 for the definitions of the SPI timing parameters.
Table 1.16 ZAMC4100 SPI Bus Timing Parameters
Parameter
Symbol
Min.
Typ.
Max.
Unit
SPI clock period
1)
tCLK
0.3
-
6.4
µs
SPI pulse width
tP
40% tCLK
50% tCLK
60% tCLK
µs
Chip-select setup time
2)
tCSNSU
1.0
-
-
µs
Chip-select hold time
2)
tCSNHD
1.0
-
-
µs
SPI access time
tACC
1.0
2.0
-
µs
1)
The maximum tCLK value is determined by the maximum value that can be programmed in MCU register Z1_SPICLKCFG[7:2] (see Table 4.23).
2)
The parameters tCSNSU and tCSNHD require at least 3 OSCH clock cycles. When oscillator OSCH is not trimmed, it runs at a lower frequency.
Figure 1.2 SPI Communication Timing Diagram
MOSI
SPI_CLK
7
MISO
7
6
0
5
1
7
6
0
5
1
7
6
6
5
1
0
7
6
5
1
0
7
6
tCSNSU
tCSNHD
tACC
tCLK
tP
CMD/SSB
R/W DATA
CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com