Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 76Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 77Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 78Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 79Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 80Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 81Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 82Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 83Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
80
January 26, 2016
Diode Temperature Measurement on AIN3, AIN4
If the application requires external temperature measurements using a diode-based sensor, it can be connected
to input AIN3 or AIN4 (Figure 3.22). Both inputs have an internal current source that is enabled with bits
AIN3TMEN and AIN4TMEN in register AINCONF (Table 3.32). The current sources are internally controlled by
the ADC in order to provide two currents with a fixed ratio 1:10. This ratio is used for the calculation of the
temperature based on the measured results.
Figure 3.22 Using AIN3 and AIN4 for External Temperature Measurement
CS ratio
1:10
Temp.
Sensor
AIN3/4
VSSA
Int.Ref
VREF
ADC
VREFP
VREFN
ZAMC4100
AINxTMEN
VDD5V0
For more information about the temperature measurement including the LM135 and thermistors, refer to the
ZAMC4100 Application Note – ADC.
Table 3.32 AINCONF Register Bits Mapping
Name
AINCONF
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
0x10
R/W = Read/Write bit
Note: When the ADC conversion is running, the AINCONF register is accessed as
read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com