Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 37Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 38Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 39Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 40Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 41Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 42Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 43Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 44Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
41
January 26, 2016
Table 3.4
WDTCONF Register Bits Description
Bit
Description
7
WDTCLR: WDT clear bit. Toggling this bit periodically to clear the WDT in order to avoid MCU reset.
1 = Next written value should be 0.
0 = Next written value should be 1.
Note: The WDTLCK bit does not lock the write for the WDTCLR bit.
6:5
SWDPOS: WDT post-scaler for system time-out reset generation.
00 = No system reset generated by the WDT.
01 = System reset is generated at each MCU reset by the WDT.
10 = System reset is generated after 4 consecutive MCU resets.
11 = System reset is generated after 8 consecutive MCU resets.
4:2
MWDPOS: WDT postscaler for MCU time-out reset generation.
000 = 1:1
WDT time-out after 10 ms.
001 = 1:2
WDT time-out after 20 ms.
010 = 1:4
WDT time-out after 40 ms.
011 = 1:8
WDT time-out after 80 ms.
100 = 1:16
WDT time-out after 160 ms.
101 = 1:32
WDT time-out after 320 ms.
110 = 1:64
WDT time-out after 640 ms.
111 = 1:128 WDT time-out after 1280 ms.
Note: WDT time-out period is calculated for the typical value of the OSCL frequency.
1
WDTLCK: WDT configuration lock bit.
1 = The writing to the WDTCONF register is not possible and writing can be enabled only after a power-on reset.
0 = The write access of WDTCONF is enabled.
0
WDTEN: WDT enable bit.
1 = The WDT is enabled, and if a time-out occurs, it will generate an MCU reset.
0 = The WDT is disabled. No reset is generated by WDT.
3.4.
System Supply Monitoring
The ZAMC4100 continuously monitors the supply at the VDDE pin. If the VDDE voltage crosses the upper or
lower ends of the supply range (see Table 1.5), an over-voltage or under-voltage interrupt is generated. In
addition, the charge pump voltage is monitored for being in or out of range.
3.4.1.
Over-Voltage and Under-Voltage Detection
If an over-voltage or under-voltage event occurs, it is indicated in the OVIF and UVIF flags respectively in the
RSTSTAT register (see Table 3.1). Both interrupt flags in an OR-function generate the supply error interrupt flag
(SEIF), which is accessible via the IRQSTAT register (see



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com