Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 72Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 73Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 74Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 75Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 76Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 77Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 78Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 79Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
76
January 26, 2016
1)
These bits are automatically cleared on an over-temperature event.
2)
These bits are automatically cleared upon SLEEP or STANDBY Mode entry.
3)
This bit is gated in case a failure event (OC, OV, UV) is captured in an interrupt flag (see Figure 3.19).
3.11.3. ECM Driver Output Diagnostic Check
The ECM driver diagnostic circuitry is able to detect open/short failures in the driver output. The diagnostic
functionality is controlled and monitored by register ECMDIAG (Table 3.29 and Table 3.30).
Table 3.31 gives the meaning of the ECMOSF bit in the ECMDIAG register with respect to the combination of
ECMCSHEN and ECMCSLEN bits that enable the diagnostic current sources/sinks connected to the EC_M and
AC_RES pins respectively.
Table 3.29 ECMDIAG Register Bits Mapping
Name
ECMDIAG
1)
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
U
U
U
U
0
0
0
0
Access
U
U
U
U
R/W
R/W
R
R/Wc
Address
0x0C
R/W = Read/Write; R = Read-only bit; U = Unimplemented, read as ‘0’;
R/Wc = Read/Write 1 to clear
1)
The ECMOCIF is physically implemented in register ECMDIAG and mapped to IRQSTAT (Table 3.10).
Table 3.30 ECMDIAG Register Bits Description
Bit
Description
7:4
Unimplemented bits. Read as 0.
3
ECMCSHEN
(1): ECM high-side current source enable bit.
1 = High-side current source is enabled.
0 = High-side current source is disabled.
2
ECMCSLEN
(1): ECM low-side current source enable bit.
1 = Low-side current source is enabled.
0 = Low-side current source is disabled.
1
ECMSOF: Open/short status flag of the ECM driver. This flag is not registered; i.e., its value remains as long as the
diagnostic event takes place (see Table 3.31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com