Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 39Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 40Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 41Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 42Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 43Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 44Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 45Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 46Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
43
January 26, 2016
3.5.
ZAMC4100 System Operational Modes
The ZAMC4100 supports three operational modes: NORMAL, SLEEP, and STANDBY. The transition between
the different operational modes is shown in Figure 3.6.
Figure 3.6 ZAMC4100 Operational Modes
Power-down
Reset
NORMAL
SUPPLY
STB
Y =
1
N x WDT
MCU reset
PASS
FAIL
SLEEP = 1
WAKE-UP
SLEEP
STANDBY
WAKE-UP
MCU supply
check
After power-on-reset, the SBC performs an MCU supply check ensuring that both MCU voltages (BUF1V8 and
REG3V3 – see section 2.1) are present and in range. Once the supply check has passed, the SBC enters
NORMAL Mode; otherwise it enters SLEEP Mode and no further operation is allowed. In this way, it assures the
correct functionally of the system in the event of unexpected faults.
3.5.1.
NORMAL Mode
In NORMAL Mode, the system is fully functional waiting to receive LIN commands and controlling the drivers.
From this mode, the system can branch in three directions:
•
Power-save in SLEEP Mode (see section 3.5.2)
•
Suspended MCU in STANDBY Mode (see section 3.5.3)
•
WDT reset event, where software fails to clear the WDT’s flag within the appropriate timing (see section
3.3.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com