Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 56Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 57Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 58Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 59Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 60Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 61Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 62Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 63Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
60
January 26, 2016
3.8.1.
Half-Bridge Drivers Control and Status Register
All half-bridge drivers are enabled and disabled using the HBDCTRL register. The bit mapping of HBDCTRL is
given in Table 3.13, and the bit descriptions are in Table 3.14. The over-current and diagnostic status bits are
allocated in register HBDSTAT, which is described in Table 3.15 and Table 3.16.
Table 3.13 HBDCTRL Register Bits Mapping
Name
HBDCTRL
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
0x06
R/W = Read/Write
Table 3.14 HBDCTRL Bits Description
Bit
Description
7,5,3,1
HBxHEN:
1), 2), 3), 4) High-side MOSFET enable bit for half-bridge driver x, (x=4 to 1)
1 = High-side MOSFET enabled
0 = High-side MOSFET disabled
6,4,2,0
HBxLEN:
1), 2), 3), 4) Low-side MOSFET enable bit for half-bridge driver x, (x=4 to 1)
1 = Low-side MOSFET enabled
0 = Low-side MOSFET disabled
1)
When both enable bits of one driver are set or cleared (for example, HB1HEN = 1 and HB1LEN = 1 or HB1HEN = 0 and HB1LEN = 0), the driver is
disabled.
2)
Bits HBxHEN and HBxLEN are automatically cleared upon entry into SLEEP or STANDBY Mode.
3)
These bits are automatically cleared if there is an over-temperature event.
4)
These bits are gated if a failure event (OVT, OC, OV, UV, or CPVE) is detected, and a corresponding interrupt flag is set (see Figure 3.12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com