Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 55Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 56Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 57Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 58Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 59Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 60Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 61Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 62Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
59
January 26, 2016
3.8.
Half-Bridge Drivers
Within the SBC chip, there are 4 half-bridge (HB) drivers for HB1 to HB4. Figure 3.12 shows the block diagram,
which is the same for each HB driver.
Figure 3.12 Structure of the Half-Bridge Drivers
VDDE
VSS
Driver H
Charge
Pump
Driver L
5V
HBxHEN
HBx pin
VSS
VSS
HBxCSHEN
HBxCSLEN
HBxLEN
OCH
Detect
HBxOCIF
Limit
OCL
Detect
20µs Counter
Integrator
CPVEIF
Limit
HBxOSF
CSH
CSL
Open/Short
Detect
OVT Reset
OVT Reset
OVIF
UVIF
HBx
PWMEN
From PWM Block
OVTIF
Features of the HB Drivers:
•
Separate enable bit for each MOSFET. If both enable bits are set, then both MOSFETs are off; this safety
logic avoids the possibility of turning on both NMOS.
•
Separate PWM enable bit for each driver.
•
Each MOSFET has over-current detection (OCH and OCL for the high and low side drivers respectively)
and protection circuitry. The over-current event automatically disables the driver (see section 3.8.2).
•
If an over-voltage or under-voltage is detected at the VDDE pin the drivers are automatically disabled
(see section 3.4).
•
Each driver has diagnostic circuitry for detection of open or short conditions in the output load (see
section 3.8.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com