Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 79Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 80Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 81Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 82Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 83Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 84Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 85Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 86Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
83
January 26, 2016
Table 3.36 Input MUX Control Bits Description
INPSEL[4:0] value
Channel
Number
[DEC]
Selected Channel Name
Notes
Application mode ADC channels
00000
0
AIN1
The type of measurement depends on the value
of the AICONF register.
00001
1
AIN2
00010
2
AIN3
00011
3
AIN4
00100
4
HB1H
Current measurement mode. Measures the
current through the high-side/low-side transistor
of the half-bridge drivers 1-4.
00101
5
HB1L
00110
6
HB2H
00111
7
HB2L
01000
8
HB3H
01001
9
HB3L
01010
10
HB4H
01011
11
HB4L
01100
12
HS1
Current measurement mode. Measures the
current through high-side drivers 1-4.
01101
13
HS2
01110
14
HS3
01111
15
HS4
10000
16
VDDE
Supply voltage at VDDE pin.
10001
17
INTTMP
Internal chip temperature.
10010
18
ECM
Measures EC_M pin voltage.
[10011 to 11000]
19-24
-
Reserved.
Diagnostic mode ADC channels (see section 5.2)
11001
25
Internal reference
Ratiometric ADC diagnostic
11010
26
Internal reference
Ratiometric ADC diagnostic
11011
27
Internal reference
Absolute voltage measurement
11100
28
ADC VREF
ADC reference voltage diagnostic
11101
29
REG2v5 regulator voltage
Internal VDD2V5 supply diagnostic
11110
30
REG5v0 regulator voltage
Internal VDD5V0 supply diagnostic
11111
31
Current multiplexer
Absolute current measurement diagnostic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com