Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 100Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 101Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 102Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 103Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 104Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 105Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 106Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 107Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
104
January 26, 2016
4.2.
Memory Organization
The MCU contains two memory blocks: FLASH (program) memory and SRAM (data) memory. Together with the
peripheral and system registers, their addresses are mapped as shown in Table 4.1. By default, the flash is
mirrored to address 0x0. Software can change this and mirror the SRAM to address 0x0 instead by writing to the
register field MEMSWAP in register SYS_MEMPORTCFG (see Table 4.6).
Table 4.1
MCU Memory Map
Address
Description
0xFFFF_FFFF
Reserved
0xE010_0000
0xE00F_FFFF
Private Peripheral Bus; see the ARM® CORTEX™-M0 documentation for details
0xE000_0000
0xDFFF_FFFF
Reserved
0x4000_1C00
0x4000_1BFF
(SPI, SW-LIN)
0x4000_1800
0x4000_17FF
GPIO
0x4000_1400
0x4000_13FF
32-Bit Timer
0x4000_1000
0x4000_0FFF
FLASH Info Page
0x4000_0C00
0x4000_0BFF
FLASH Controller
0x4000_0800
0x4000_07FF
Reserved
0x4000_0400
0x4000_03FF
System Management Unit
0x4000_0000
0x3FFF_FFFF
Reserved
0x2000_0800
0x2000_07FF
SRAM Bank 2KB
0x2000_0000
0x1FFF_FFFF
Reserved
0x1000_8000
0x1000_7FFF
FLASH Bank 32KB
0x1000_0000
0x0FFF_FFFF
Reserved
0x0000_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com