Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 137Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 138Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 139Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 140Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 141Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 142Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 143Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 144Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
141
January 26, 2016
5.1.3.
Over-Temperature (OVT) Protection
Event
The internal chip temperature exceeds the maximum specified junction temperature for the
system (see Table 1.2).
Detection
Continuous comparison between the internal reference and the internal temperature sensor’s
voltage.
Capturing
The event is captured in the SBC, and an interrupt is propagated to the MCU.
Reaction
All drivers are automatically disabled.
5.1.4.
Over-Voltage (OV) Detection
Event
The voltage at the VDDE pin is higher than the upper supply range limit specified in Table 1.5.
Detection
Continuous comparison of the internal reference and VDDE pin voltage.
Capturing
The event is captured in the SBC, and an interrupt is propagated to the MCU.
Reaction
All drivers are automatically disabled. This feature can be turned off if not needed.
5.1.5.
Under-Voltage (UV) Detection
Event
The voltage at the VDDE pin is higher than the lower supply range limit specified in Table 1.5.
Detection
Continuous comparison of the internal reference and VDDE pin voltage.
Capturing
The event is captured in the SBC, and an interrupt is propagated to the MCU.
Reaction
All drivers are automatically disabled. This feature can be switched-off if not needed.
5.1.6.
Short to GND or Vbat Protection of Sensor Supply Pin S_P and Analog Input Pins AIN1
and AIN2
Event
The pin is shorted to the GND or Vbat rail (for the AIN1 and AIN2 pins through the external
protection resistors; see the application diagram in Figure 6.1).
Detection
A Zener-like structure limits the voltage propagated through these pins to internal blocks.
Capturing
The event is not captured.
Reaction
Limit the voltage in order to protect the internal circuitry, or limit the current through the S_P pin in
the event of a short to ground.
5.1.7.
OSCL Output Clock Failure Detection
Event
There is a failure in the OSCL clock generation. The 125kHz clock is missing.
Detection
Internal circuitry running at the OSCH clock continuously observes the output of OSCL. If OSCL
stops, a failure event is detected.
Capturing
The event is captured in the SBC, and an interrupt is propagated to the MCU.
Reaction
A response should be implemented in the MCU software depending on application requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com