Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 13Page - NXP Semiconductors MPC604 Datasheet HTML 14Page - NXP Semiconductors MPC604 Datasheet HTML 15Page - NXP Semiconductors MPC604 Datasheet HTML 16Page - NXP Semiconductors MPC604 Datasheet HTML 17Page - NXP Semiconductors MPC604 Datasheet HTML 18Page - NXP Semiconductors MPC604 Datasheet HTML 19Page - NXP Semiconductors MPC604 Datasheet HTML 20Page - NXP Semiconductors MPC604 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
PowerPC 604 RISC Microprocessor Technical Summary
17
1.3 PowerPC 604 Microprocessor Execution Model
This section describes the following characteristics of the 604’s execution model:
•
The PowerPC architecture
•
The 604 register set and programming model
•
The 604 instruction set
•
The 604 exception model
•
Instruction timing on the 604
1.3.1 Levels of the PowerPC Architecture
The PowerPC architecture is derived from the IBM POWER Architecture
™ (Performance Optimized with
Enhanced RISC architecture). The PowerPC architecture shares the benefits of the POWER architecture
optimized for single-chip implementations. The architecture design facilitates parallel instruction execution
and is scalable to take advantage of future technological gains.
The PowerPC architecture consists of the following layers, and adherence to the PowerPC architecture can
be measured in terms of which of the following levels of the architecture is implemented. For example, if a
processor adheres to the virtual environment architecture, it is assumed that it meets the user instruction set
architecture specification.
•
PowerPC user instruction set architecture (UISA)—The UISA defines the level of the architecture
to which user-level software must conform. The UISA defines the base user-level instruction set,
user-level registers, data types, memory conventions, and the memory and programming models
seen by application programmers. Note that the PowerPC architecture refers to user level as
problem state.
•
PowerPC virtual environment architecture (VEA)—The VEA, which is the smallest component of
the PowerPC architecture, defines additional user-level functionality that falls outside typical user-
level software requirements. The VEA describes the memory model for an environment in which
multiple processors or other devices can access external memory, defines aspects of the cache
model and cache control instructions from a user-level perspective. The resources defined by the
VEA are particularly useful for managing resources in an environment in which other processors
and other devices can access external memory.
Implementations that conform to the PowerPC VEA also adhere to the UISA, but may not
necessarily adhere to the OEA.
•
PowerPC operating environment architecture (OEA)—The OEA defines supervisor-level resources
typically required by an operating system. The OEA defines the PowerPC memory management
model, supervisor-level registers, and the exception model. Note that the PowerPC architecture
refers to the supervisor level as privileged state.
Implementations that conform to the PowerPC OEA also conform to the PowerPC UISA and VEA.
The 604 complies to all three levels of the PowerPC architecture. Note that the PowerPC architecture
defines additional instructions for 64-bit data types. These instructions cause an illegal instruction exception
on the 604. PowerPC processors are allowed to have features that are implementation-specific features that
fall outside, but do not conflict with, the PowerPC architecture specification. Examples of features that are
specific to the 604 include the performance monitor and nap mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com