Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC604 Datasheet HTML 1Page - NXP Semiconductors MPC604 Datasheet HTML 2Page - NXP Semiconductors MPC604 Datasheet HTML 3Page - NXP Semiconductors MPC604 Datasheet HTML 4Page - NXP Semiconductors MPC604 Datasheet HTML 5Page - NXP Semiconductors MPC604 Datasheet HTML 6Page - NXP Semiconductors MPC604 Datasheet HTML 7Page - NXP Semiconductors MPC604 Datasheet HTML 8Page - NXP Semiconductors MPC604 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PowerPC 604 RISC Microprocessor Technical Summary
5
— Eight condition register (CR) rename buffers
The 604 rename buffers are described in Section 1.2.1.5, “Rename Buffers”
•
Completion unit
— The completion unit retires an instruction from the 16-entry reorder buffer when all instructions
ahead of it have been completed and the instruction has finished execution.
— Guarantees sequential programming model (precise exception model)
— Monitors all dispatched instructions and retires them in order
— Tracks unresolved branches and removes speculatively executed, dispatched, and fetched
instructions if branch is mispredicted
— Retires as many as four instructions per clock
•
Separate on-chip instruction and data caches (Harvard architecture)
— 16-Kbyte, four-way set-associative instruction and data caches
— LRU replacement algorithm
— 32-byte (eight word) cache block size
— Physically indexed; physical tags. Note that the PowerPC architecture refers to physical address
space as real address space.
— Cache write-back or write-through operation programmable on a per page or per block basis
— Instruction cache can provide four instructions per clock; data cache can provide two words per
clock
— Caches can be disabled in software
— Caches can be locked
— Parity checking performed on both caches
— Data cache coherency (MESI) maintained in hardware
— Secondary data cache support provided
— Instruction cache coherency maintained in software
— Provides a no-DRTRY/data streaming mode, which allows consecutive burst read data transfers
to occur without intervening dead cycles. This mode also disables data retry operations.
•
Separate memory management units (MMUs) for instructions and data
— Address translation facilities for 4-Kbyte page size, variable block size, and 256-Mbyte
segment size
— Both TLBs are 128-entry and two-way set associative
— TLBs are hardware reloadable. That is, the page table search is performed in hardware.
— Separate IBATs and DBATs (four each) also defined as SPRs.
— Separate instruction and data translation lookaside buffers (TLBs)
— LRU replacement algorithm
— Hardware table search (caused by TLB misses) through hashed page tables
— 52-bit virtual address; 32-bit physical address
•
Bus interface features include the following:
— Selectable processor-to-bus clock frequency ratios (1:1, 1.5:1, 2:1, and 3:1)
— A 64-bit split-transaction external data bus with burst transfers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com