Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 24Page - NXP Semiconductors MPC604 Datasheet HTML 25Page - NXP Semiconductors MPC604 Datasheet HTML 26Page - NXP Semiconductors MPC604 Datasheet HTML 27Page - NXP Semiconductors MPC604 Datasheet HTML 28Page - NXP Semiconductors MPC604 Datasheet HTML 29Page - NXP Semiconductors MPC604 Datasheet HTML 30Page - NXP Semiconductors MPC604 Datasheet HTML 31Page - NXP Semiconductors MPC604 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
PowerPC 604 RISC Microprocessor Technical Summary
External
interrupt
00500
An external interrupt occurs when the external exception signal, INT, is
asserted. This signal is expected to remain asserted until the exception handler
begins execution. Once the signal is detected, the 604 stops dispatching
instructions and waits for all dispatched instructions to complete. Any
exceptions associated with dispatched instructions are taken before the
interrupt is taken.
Alignment
00600
An alignment exception is caused when the processor cannot perform a
memory access for the following reasons:
A floating-point load, store, lmw, stmw, lwarx, or stwcx. instruction is not word-
aligned.
A dcbz instruction refers to a page that is marked either cache-inhibited or
write-through.
A dcbz instruction has executed when the 604 data cache is locked or disabled.
An access is not naturally aligned in little-endian mode.
An ecowx or eciwx is not word-aligned.
An lmw, stmw, lswi, lswx, stswi, or stswx is issued in little-endian mode.
Program
00700
A program exception is caused by one of the following exception conditions,
which correspond to bit settings in SRR1 and arise during execution of an
instruction:
•
Floating-point exceptions—A floating-point enabled exception condition
causes an exception when FPSCR[FEX] is set and depends on the values
in MSR[FE0] and MSR[FE1].
FPSCR[FEX] is set by the execution of a floating-point instruction that
causes an enabled exception or by the execution of a “move to FPSCR”
instruction that results in both an exception condition bit and its
corresponding enable bit being set in the FPSCR.
•
Illegal instruction—An illegal instruction program exception is generated
when execution of an instruction is attempted with an illegal opcode or illegal
combination of opcode and extended opcode fields or when execution of an
optional instruction not provided in the specific implementation is attempted
(these do not include those optional instructions that are treated as no-ops).
•
Privileged instruction—A privileged instruction type program exception is
generated when the execution of a privileged instruction is attempted and
the MSR register user privilege bit, MSR[PR], is set. This exception is also
generated for mtspr or mfspr with an invalid SPR field if SPR[0] = 1 and
MSR[PR] = 1.
•
Trap—A trap type program exception is generated when any of the
conditions specified in a trap instruction is met.
Floating-point
unavailable
00800
A floating-point unavailable exception is caused by an attempt to execute a
floating-point instruction (including floating-point load, store, and move
instructions) when the floating-point available bit is disabled (MSR[FP] = 0).
Decrementer
00900
The decrementer exception occurs when the most significant bit of the
decrementer (DEC) register transitions from 0 to 1.
Reserved
00A00–00BFF
—
System call
00C00
A system call exception occurs when a System Call (sc) instruction is executed.
Trace
00D00
Either the MSR[SE] = 1 and any instruction (except rfi) successfully completed
or MSR[BE] = 1 and a branch instruction is completed.
Table 3. Exceptions and Conditions (Continued)
Exception
Type
Vector Offset
(hex)
Causing Conditions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com