Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 4Page - NXP Semiconductors MPC604 Datasheet HTML 5Page - NXP Semiconductors MPC604 Datasheet HTML 6Page - NXP Semiconductors MPC604 Datasheet HTML 7Page - NXP Semiconductors MPC604 Datasheet HTML 8Page - NXP Semiconductors MPC604 Datasheet HTML 9Page - NXP Semiconductors MPC604 Datasheet HTML 10Page - NXP Semiconductors MPC604 Datasheet HTML 11Page - NXP Semiconductors MPC604 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
PowerPC 604 RISC Microprocessor Technical Summary
The address of the next instruction to be fetched is determined by several conditions, which are prioritized
as follows:
1. Detection of an exception. Instruction fetching begins at the exception vector.
2.
The BPU recovers from an incorrect prediction when a branch instruction is in the execute stage.
Undispatched instructions are flushed and fetching begins at the correct target address.
3.
The BPU recovers from an incorrect prediction when a branch instruction is in the dispatch stage.
Undispatched instructions are flushed and fetching begins at the correct target address.
4.
The BPU recovers from an incorrect prediction when a branch instruction is in the decode stage.
Subsequent instructions are flushed and fetching begins at the correct target address.
5. A fetch address is found in the BTAC. As a cache block is fetched, the branch target address cache
(BTAC) and the branch history table (BHT) are searched with the fetch address. If it is found in the
BTAC, the target address from the BTAC is the first candidate for being the next fetch address.
6. If none of the previous conditions exists, the instruction is fetched from the next sequential address.
1.2.1.2 Decode/Dispatch Unit
The decode/dispatch unit provides the logic for decoding instructions and issuing them to the appropriate
execution unit. The eight-entry instruction queue consists of two four-entry queues—a decode queue (DEQ)
and a dispatch queue (DISQ).
The decode logic decodes the four instructions in the decode queue. For many branch instructions, these
decoded instructions along with the bits in the BHT, are used during the decode stage for branch correction.
The dispatch logic decodes the instructions in the DISQ for possible dispatch. The dispatch logic resolves
unconditional branch instructions and predicts conditional branch instructions using the branch decode
logic, the BHT, and values in the CTR.
The 512-entry BHT provides two bits per entry, indicating four levels of dynamic prediction—strongly not-
taken, not-taken, taken, and strongly taken. The history of a branch’s direction is maintained in these two
bits. Each time a branch is taken the value is incremented (with a maximum value of three meaning strongly-
taken); when it is not taken, the bit value is decremented (with a minimum value of zero meaning strongly
not-taken). If the current value predicts taken and the next branch is taken again, the BHT entry then predicts
strongly taken. If the next branch is not taken, the BHT then predicts taken.
The dispatch logic also allocates each instruction to the appropriate execution unit. A reorder buffer (ROB)
entry is allocated for each instruction, and dependency checking is done between the instructions in the
dispatch queue. The rename buffers are searched for the operands as the operands are fetched from the
register file. Operands that are written by other instructions ahead of this one in the dispatch queue are given
the tag of that instruction’s rename buffer; otherwise, the rename buffer or register file supplies either the
operand or a tag. As instructions are dispatched, the fetch unit is notified that the dispatch queue can be
updated with more instructions.
1.2.1.3 Branch Processing Unit (BPU)
The BPU is used for branch instructions and condition register logical operations. All branches, including
unconditional branches, are placed in a reservation station until conditions are resolved and they can be
executed. At that point, branch instructions are executed in order—the completion unit is notified whether
the prediction was correct.
The BPU also executes condition register logical instructions, which flow through the reservation station
like the branch instructions.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com