Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC604 Datasheet HTML 1Page - NXP Semiconductors MPC604 Datasheet HTML 2Page - NXP Semiconductors MPC604 Datasheet HTML 3Page - NXP Semiconductors MPC604 Datasheet HTML 4Page - NXP Semiconductors MPC604 Datasheet HTML 5Page - NXP Semiconductors MPC604 Datasheet HTML 6Page - NXP Semiconductors MPC604 Datasheet HTML 7Page - NXP Semiconductors MPC604 Datasheet HTML 8Page - NXP Semiconductors MPC604 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
PowerPC 604 RISC Microprocessor Technical Summary
and double-precision). For 64-bit PowerPC implementations, the PowerPC architecture provides additional
64-bit integer data types, 64-bit addressing, and related features.
The 604 is a superscalar processor capable of issuing four instructions simultaneously. As many as six
instructions can finish execution in parallel. The 604 has six execution units that can operate in parallel:
•
Floating-point unit (FPU)
•
Branch processing unit (BPU)
•
Load/store unit (LSU)
•
Three integer units (IUs):
— Two single-cycle integer units (SCIUs)
— One multiple-cycle integer unit (MCIU)
This parallel design, combined with the PowerPC architecture’s specification of uniform instructions that
allows for rapid execution times, yields high efficiency and throughput. The 604’s rename buffers,
reservation stations, dynamic branch prediction, and completion unit increase instruction throughput,
guarantee in-order completion, and ensure a precise exception model. (Note that the PowerPC architecture
specification refers to all exceptions as interrupts.)
The 604 has separate memory management units (MMUs) and separate 16-Kbyte on-chip caches for
instructions and data. The 604 implements two 128-entry, two-way set (64-entry per set) associative
translation lookaside buffers (TLBs), one for instructions and one for data, and provides support for
demand-paged virtual memory address translation and variable-sized block translation. The TLBs and the
cache use least-recently used (LRU) replacement algorithms.
The 604 has a 64-bit external data bus and a 32-bit address bus. The 604 interface protocol allows multiple
masters to compete for system resources through a central external arbiter. Additionally, on-chip snooping
logic maintains data cache coherency for multiprocessor applications. The 604 supports single-beat and
burst data transfers for memory accesses and memory-mapped I/O accesses.
The 604 uses an advanced, 3.3-V CMOS process technology and is fully compatible with TTL devices.
1.1.1 PowerPC 604 Microprocessor Features
This section summarizes features of the 604’s implementation of the PowerPC architecture.
Figure 1 provides a block diagram showing features of the 604. Note that this is a conceptual block diagram
intended to show the basic features rather than an attempt to show how these features are physically
implemented on the chip.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com