Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 9Page - NXP Semiconductors MPC604 Datasheet HTML 10Page - NXP Semiconductors MPC604 Datasheet HTML 11Page - NXP Semiconductors MPC604 Datasheet HTML 12Page - NXP Semiconductors MPC604 Datasheet HTML 13Page - NXP Semiconductors MPC604 Datasheet HTML 14Page - NXP Semiconductors MPC604 Datasheet HTML 15Page - NXP Semiconductors MPC604 Datasheet HTML 16Page - NXP Semiconductors MPC604 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
PowerPC 604 RISC Microprocessor Technical Summary
13
Figure 4. System Interface
Four-beat burst-read memory operations that load an eight-word cache block into one of the on-chip caches
are the most common bus transactions in typical systems, followed by burst-write memory operations, I/O
controller interface operations, and single-beat (noncacheable or write-through) memory read and write
operations. Additionally, there can be address-only operations, variants of the burst and single-beat
operations (global memory operations that are snooped and atomic memory operations, for example), and
address retry activity (for example, when a snooped read access hits a modified line in the data cache).
Memory accesses can occur in single-beat or four-beat burst data transfers. The address and data buses are
independent for memory accesses to support pipelining and split transactions. The 604 supports bus
pipelining and out-of-order split-bus transactions. In general, the bus-pipelining mechanism allows as many
as three address tenures to be outstanding before a data tenure is initiated. Address tenures for address-only
transactions can exceed this limit.
Typically, memory accesses are weakly-ordered. Sequences of operations, including load/store string/
multiple instructions, do not necessarily complete in the same order in which they began—maximizing the
efficiency of the bus without sacrificing coherency of the data. The 604 allows load operations to precede
store operations (except when a dependency exists, of course). In addition, the 604 provides a separate
queue for snoop push operations so these operations can access the bus ahead of previously queued
operations. The 604 dynamically optimizes run-time ordering of load/store traffic to improve overall
performance.
In addition, the 604 implements a data bus write-only signal (DBWO) that can be used for reordering write
operations. Asserting DBWO causes the first write operation to occur before any read operations on a given
processor. Although this may be used with any write operations, it can also be used to reorder a snoop push
operation.
Access to the system interface is granted through an external arbitration mechanism that allows devices to
compete for bus mastership. This arbitration mechanism is flexible, allowing the 604 to be integrated into
systems that use various fairness and bus-parking procedures to avoid arbitration overhead. Additional
multiprocessor support is provided through coherency mechanisms that provide snooping, external control
of the on-chip caches and TLBs, and support for a secondary cache. The PowerPC architecture provides the
load/store with reservation instruction pair (lwarx/stwcx.) for atomic memory references and other
operations useful in multiprocessor implementations.
The following sections describe the 604 bus support for memory and I/O controller interface operations.
Note that some signals perform different functions depending upon the addressing protocol used.
PowerPC
604
Processor
ADDRESS
ADDRESS ARBITRATION
ADDRESS START
ADDRESS TRANSFER
TRANSFER ATTRIBUTE
ADDRESS TERMINATION
CLOCKS
DATA
DATA ARBITRATION
DATA TRANSFER
DATA TERMINATION
PROCESSOR STATE
TEST AND CONTROL
+3.3 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com