Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC604 Datasheet HTML 1Page - NXP Semiconductors MPC604 Datasheet HTML 2Page - NXP Semiconductors MPC604 Datasheet HTML 3Page - NXP Semiconductors MPC604 Datasheet HTML 4Page - NXP Semiconductors MPC604 Datasheet HTML 5Page - NXP Semiconductors MPC604 Datasheet HTML 6Page - NXP Semiconductors MPC604 Datasheet HTML 7Page - NXP Semiconductors MPC604 Datasheet HTML 8Page - NXP Semiconductors MPC604 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MPC604/D
(Motorola Order Number)
5/94
REV 1
MPR604TSU-02
(IBM Order Number)
PowerPC, PowerPC Architecture, POWER Archiitecture, and PowerPC 604 are trademarks of International Business Machines Corp.
This document contains information on a new product under development. Specifications and information herein are subject to change without notice.
© Motorola Inc. 1994
Instruction set and other portions hereof
© International Business Machines Corp. 1991–1994
™
Advance Information
PowerPC™ 604 RISC Microprocessor
Technical Summary
This document provides an overview of the PowerPC 604
™ microprocessor. It includes
the following:
•
An overview of 604 features
•
Details about the 604 hardware implementation. This includes descriptions of the
604’s execution units, cache implementation, memory management units
(MMUs), and system interface.
•
A description of the 604 execution model. This section includes information about
the programming model, instruction set, exception model, and instruction timing.
In this document, the terms “PowerPC 604 Microprocessor” and “604” are used to denote
a microprocessor from the PowerPC Architecture
™ family.
1.1 Overview
This section describes the features of the 604, provides a block diagram showing the major
functional units, and describes briefly how those units interact.
The 604 is an implementation of the PowerPC family of reduced instruction set computer
(RISC) microprocessors. The 604 implements the PowerPC architecture as it is specified
for 32-bit addressing, which provides 32-bit effective (logical) addresses, integer data
types of 8, 16, and 32 bits, and floating-point data types of 32 and 64 bits (single-precision
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MPC604

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC604E MOTOROLA-MPC604E Datasheet
111Kb / 34P
PowerPC 604e-TM RISC Microprocessor Technical Summary
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC604E9QEC NXP-MPC604E9QEC Datasheet
570Kb / 29P
PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
MPC604E9QEC/D NXP-MPC604E9QEC/D Datasheet
570Kb / 29P
PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
MPC604E9VEC NXP-MPC604E9VEC Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
More results

Similar Description - MPC604

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
logo
Motorola, Inc
MPC604E MOTOROLA-MPC604E Datasheet
111Kb / 34P
PowerPC 604e-TM RISC Microprocessor Technical Summary
logo
Freescale Semiconductor...
MC68HC11ED0 FREESCALE-MC68HC11ED0 Datasheet
1Mb / 108P
Technical Summary
logo
NXP Semiconductors
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC604E9QEC NXP-MPC604E9QEC Datasheet
570Kb / 29P
PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
MPC604EC NXP-MPC604EC Datasheet
731Kb / 32P
PowerPC 604™ RISC Microprocessor Hardware Specifications
REV 1
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
Microprocessor Technical Summary
Rev. 0, 04/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com