Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC604 Datasheet HTML 1Page - NXP Semiconductors MPC604 Datasheet HTML 2Page - NXP Semiconductors MPC604 Datasheet HTML 3Page - NXP Semiconductors MPC604 Datasheet HTML 4Page - NXP Semiconductors MPC604 Datasheet HTML 5Page - NXP Semiconductors MPC604 Datasheet HTML 6Page - NXP Semiconductors MPC604 Datasheet HTML 7Page - NXP Semiconductors MPC604 Datasheet HTML 8Page - NXP Semiconductors MPC604 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
PowerPC 604 RISC Microprocessor Technical Summary
Major features of the 604 are as follows:
•
High-performance, superscalar microprocessor
— As many as four instructions can be issued per clock.
— As many as six instructions can start executing per clock (including three integer instructions)
— Single clock cycle execution for most instructions
•
Six independent execution units and two register files
— BPU featuring dynamic branch prediction
– Speculative execution through two branches
– 64-entry fully-associative branch target address cache (BTAC)
– 512-entry branch history table (BHT) with two bits per entry for four levels of prediction—
not-taken, strongly not-taken, taken, strongly taken.
— Two single-cycle IUs (SCIUs) and one multiple-cycle IU (MCIU)
– Instructions that execute in the SCIU take one cycle to execute; most instructions that
execute in the MCIU take multiple cycles to execute.
– Each SCIU has a two-entry reservation station to minimize stalls
– The MCIU has a two-entry reservation station and provides early exit (three cycles) for
16- x 32-bit and overflow operations.
– Thirty-two GPRs for integer operands
– Twelve rename buffers for GPRs
— Three-stage floating-point unit (FPU)
– Fully IEEE 754-1985 compliant FPU for both single- and double-precision operations
– Supports non-IEEE mode for time-critical operations
– Fully pipelined, single-pass double-precision design
– Hardware support for denormalized numbers
– Two-entry reservation station to minimize stalls
– Thirty-two 64-bit FPRs for single- or double-precision operands
— Load/store unit (LSU)
– Two-entry reservation station to minimize stalls
– Single-cycle, pipelined cache access
– Dedicated adder performs EA calculations
– Performs alignment and precision conversion for floating-point data
– Performs alignment and sign extension for integer data
– Four-entry finish load queue (FLQ) provides load miss buffering
– Six-entry store queue
– Supports both big- and little-endian modes
•
Rename buffers
— Twelve GPR rename buffers
— Eight FPR rename buffers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com