Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 2Page - NXP Semiconductors MPC604 Datasheet HTML 3Page - NXP Semiconductors MPC604 Datasheet HTML 4Page - NXP Semiconductors MPC604 Datasheet HTML 5Page - NXP Semiconductors MPC604 Datasheet HTML 6Page - NXP Semiconductors MPC604 Datasheet HTML 7Page - NXP Semiconductors MPC604 Datasheet HTML 8Page - NXP Semiconductors MPC604 Datasheet HTML 9Page - NXP Semiconductors MPC604 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
PowerPC 604 RISC Microprocessor Technical Summary
— Support for address pipelining and limited out-of-order bus transactions
— Additional signals and signal redefinition for I/O controller interface operations (referred to as
direct-store operations in the architecture specification)
•
Multiprocessing support features include the following:
— Hardware enforced, four-state cache coherency protocol (MESI) for data cache. Bits are
provided in the instruction cache to indicate only whether a cache block is valid or invalid.
— Separate port into data cache tags for bus snooping
— Load/store with reservation instruction pair for atomic memory references, semaphores, and
other multiprocessor operations
•
Power management
— NAP mode supports full shut down and supports snooping with early indication.
— Operating voltage of 3.3
± 0.3 V
•
Performance monitor can be used to help in debugging system designs and improving software
efficiency, especially in multiprocessor systems.
•
In-system testability and debugging features through JTAG boundary-scan capability
1.2 PowerPC 604 Microprocessor Hardware
Implementation
This section provides an overview of the 604’s hardware implementation, including descriptions of the
functional units, shown in Figure 2, the cache implementation, MMU, and the system interface.
Note that Figure 2 provides a more detailed block diagram than that presented in Figure 1—showing the
additional data paths that contribute to the improved efficiency in instruction execution and more clearly
shows the relationships between execution units and their associated register files.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com