Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 18Page - NXP Semiconductors MPC604 Datasheet HTML 19Page - NXP Semiconductors MPC604 Datasheet HTML 20Page - NXP Semiconductors MPC604 Datasheet HTML 21Page - NXP Semiconductors MPC604 Datasheet HTML 22Page - NXP Semiconductors MPC604 Datasheet HTML 23Page - NXP Semiconductors MPC604 Datasheet HTML 24Page - NXP Semiconductors MPC604 Datasheet HTML 25Page - NXP Semiconductors MPC604 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
PowerPC 604 RISC Microprocessor Technical Summary
subdivision of the processor clock frequency. In the 604. the time base frequency is 1/4th of the bus
clock frequency (as is the decrementer frequency). Counting is enabled by the Time Base Enable
signal (TBE).
•
Block address translation (BAT) registers—The PowerPC architecture defines 16 BAT registers,
divided into four pairs of data BATs (DBATs) and four pairs of instruction BATs (IBATs).
The 604 includes the following registers not defined by the PowerPC architecture:
•
Instruction address breakpoint register (IABR)—This register can be used to cause a breakpoint
exception to occur if a specified instruction address is encountered.
•
Data address breakpoint register (DABR)—This register can be used to cause a breakpoint
exception to occur if a specified data address is encountered.
•
Hardware implementation-dependent register 0 (HID0)—This register is used to control various
functions within the 604, such as enabling checkstop conditions, and locking, enabling, and
invalidating the instruction and data caches.
•
Processor identification register (PIR)—The PIR is a supervisor-level register that has a right-
justified, four-bit field that holds a processor identification tag used to identify a particular 604. This
tag is used to identify the processor in multiple-master implementations.
•
Performance monitor counter registers (PMC1 and PMC2). The counters are used to record the
number of times a certain event has occurred.
•
Performance monitor control register (MMCR0)—This is used for enabling various performance
monitoring interrupt conditions and establishes the function of the counters.
•
Sampled instruction address and sampled data address registers (SIA and SDA)—These registers
hold the addresses for instruction and data used by the performance monitoring interrupt.
Note that while it is not guaranteed that the implementation of HID registers is consistent among PowerPC
processors, other processors may be implemented with similar or identical HID registers.
1.3.3 Instruction Set and Addressing Modes
The following subsections describe the PowerPC instruction set and addressing modes in general.
1.3.3.1 PowerPC Instruction Set and Addressing Modes
All PowerPC instructions are encoded as single-word (32-bit) opcodes. Instruction formats are consistent
among all instruction types, permitting efficient decoding to occur in parallel with operand accesses. This
fixed instruction length and consistent format greatly simplifies instruction pipelining.
1.3.3.1.1 Instruction Set
The 604 implements the entire PowerPC instruction set (for 32-bit implementations) and most optional
PowerPC instructions. The PowerPC instructions can be grouped into the following general categories:
•
Integer instructions—These include computational and logical instructions.
— Integer arithmetic instructions
— Integer compare instructions
— Logical instructions
— Integer rotate and shift instructions
•
Floating-point instructions—These include floating-point computational instructions, as well as
instructions that affect the FPSCR. Floating-point instructions include the following:
— Floating-point arithmetic instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com