Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 8Page - NXP Semiconductors MPC604 Datasheet HTML 9Page - NXP Semiconductors MPC604 Datasheet HTML 10Page - NXP Semiconductors MPC604 Datasheet HTML 11Page - NXP Semiconductors MPC604 Datasheet HTML 12Page - NXP Semiconductors MPC604 Datasheet HTML 13Page - NXP Semiconductors MPC604 Datasheet HTML 14Page - NXP Semiconductors MPC604 Datasheet HTML 15Page - NXP Semiconductors MPC604 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
PowerPC 604 RISC Microprocessor Technical Summary
Each cache line contains eight contiguous words from memory that are loaded from an eight-word boundary
(that is, bits A27–A31 of the logical addresses are zero); thus, a cache line never crosses a page boundary.
Accesses that cross a page boundary can incur a performance penalty.
To ensure coherency among caches in a multiprocessor (or multiple caching-device) implementation, the
604 implements the MESI protocol on a per cache-block basis. MESI stands for modified/exclusive/shared/
invalid. These four states indicate the state of the cache block as follows:
•
Modified (M)—The cache block is modified with respect to system memory; that is, data for this
address is valid only in the cache and not in system memory.
•
Exclusive (E)—This cache block holds valid data that is identical to the data at this address in
system memory. No other cache has this data.
•
Shared (S)—This cache block holds valid data that is identical to this address in system memory
and at least one other caching device.
•
Invalid (I)—This cache block does not hold valid data.
Figure 3. Cache Unit Organization
1.2.5 System Interface/Bus Interface Unit (BIU)
The 604 provides a versatile bus interface that allows a wide variety of system design options. The interface
includes a 72-bit data bus (64-bits of data and 8-bits of parity), a 36-bit address bus (32-bits of address and
4-bits of parity), and sufficient control signals to allow for a variety of system-level optimizations. The 604
uses one-beat and four-beat data transactions, although it is possible for other bus participants to perform
longer data transfers. The 604 clocking structure supports processor-to-bus clock ratios of 1:1, 1.5:1, 2:1,
and 3:1, as described in Section 1.2.6, “Clocking.”
The system interface is specific for each PowerPC processor implementation. The 604 system interface is
shown in Figure 4.
Address Tag 1
Address Tag 2
Address Tag 3
Block 1
Block 2
Block 3
128 Sets
Address Tag 0
Block 0
8 Words/Block
State
State
State
State
Words 0–7
Words 0–7
Words 0–7
Words 0–7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com