Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADL5385ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADL5385
Rev. 0 | Page 3 of 24
SPECIFICATIONS
Unless otherwise noted, VS = 5 V; TA = 25°C; LO = −7 dBm; I/Q inputs = 1.4 V p-p differential sine waves in quadrature on a 500 mV dc
bias; baseband frequency = 1 MHz; LO source and RF output load impedances are 50 Ω.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT FREQUENCY RANGE
50
2200
MHz
EXTERNAL LO FREQUENCY
RANGE
External LO frequency is twice output frequency
100
4400
MHz
OUTPUT FREQUENCY = 50 MHz
Output Power
Single (lower) sideband output
4
5.6
8
dBm
Output P1 dB
11
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−57
dBm
@ +85°C after optimization at +25°C
−67
dBm
@ −40°C after optimization at +25°C
−67
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−57
dBc
@ +85°C after optimization at +25°C
−64
dBc
@ −40°C after optimization at +25°C
−68
dBc
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 5 dBm
−83
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 5 dBm
−58
dBc
Output IP2
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
69
dBm
Output IP3
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
26
dBm
Quadrature Phase Error
−0.17
degrees
I/Q Amplitude Balance
−0.03
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−155
dBm/Hz
20 MHz offset from LO, output power = −5 dBm
−150
dBm/Hz
Output Return Loss
−19
dB
OUTPUT FREQUENCY = 140 MHz
Output Power
Single (lower) sideband output
5.7
dBm
Output P1 dB
11
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−52
dBm
@ +85°C after optimization at +25°C
−66
dBm
@ −40°C after optimization at +25°C
−67
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−53
dBc
@ +85°C after optimization at +25°C
−63
dBc
@ −40°C after optimization at +25°C
−68
dBc
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 5 dBm
−83
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 5 dBm
−57
dBc
Output IP2
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
70
dBm
Output IP3
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT =−3 dBm per tone
26
dBm
Quadrature Phase Error
−0.33
degrees
I/Q Amplitude Balance
−0.03
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−160
dBm/Hz
Output Return Loss
−20
dB
OUTPUT FREQUENCY = 350 MHz
Output Power
Single (lower) sideband output
3
5.6
7
dBm
Output P1 dB
11
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−46
dBm
@ +85°C after optimization at +25°C
−65
dBm
@ −40°C after optimization at +25°C
−66
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−50
dBc
@ +85°C after optimization at +25°C
−63
dBc
@ −40°C after optimization at+25°C
−61
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com