Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL5385ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADL5385
Rev. 0 | Page 5 of 24
Parameter
Conditions
Min
Typ
Max
Unit
@ +85°C after optimization at +25°C
−43
dBc
@ −40°C after optimization at +25°C
−47
dBc
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 3 dBm
−58
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 3 dBm
−47
dBc
Output IP2
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
57
dBm
Output IP3
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
22
dBm
Quadrature Phase Error
2.6
degrees
I/Q Amplitude Balance
0.003
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−160
dBm/Hz
20 MHz offset from LO, output power = −5 dBm
−156
dBm/Hz
Output Return Loss
−20
dB
OUTPUT FREQUENCY =
2150 MHz
Output Power
Single (lower) sideband output
2.6
dBm
Output P1 dB
8
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−36
dBm
@ +85°C after optimization at +25°C
−47
dBm
@ −40°C after optimization at +25°C
−48
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−37
dBc
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 2.6 dBm
−56
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 2.6 dBm
−45
dBc
Output IP2
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
54
dBm
Output IP3
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
21
dBm
Quadrature Phase Error
1.5
degrees
I/Q Amplitude Balance
< 0.05
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−160
dBm/Hz
20 MHz offset from LO, output power = −5 dBm
−156
dBm/Hz
Output Return Loss
−15
dB
LO INPUTS
Pin LOIP and Pin LOIN
LO Drive Level
Characterization performed at typical level
−10
–7
+5
dBm
Input Impedance
50
Ω
Input Return Loss
350 MHz, LOIN ac-coupled to ground
−20
dB
BASEBAND INPUTS
Pin IBBP, Pin IBBN, Pin QBBP, Pin QBBN
I and Q Input Bias Level
500
mV
Input Bias Current
−70
μA
Bandwidth (0.1 dB)
RF = 500 MHz, output power = 0 dBm
80
MHz
Bandwidth (3 dB)
RF = 500 MHz, output power = 0 dBm
>500
MHz
ENABLE INPUT
ENBL
Turn-On Settling Time
ENBL = high (for output to within 0.5 dB of final value)
1.0
μs
Turn-Off Settling Time
ENBL = low (at supply current falling below 20 mA)
1.4
μs
ENBL High Level (Logic 1)
1.5
V
ENBL Low Level (Logic 0)
0.4
V
TEMPERATURE OUTPUT
TEMP
Output Voltage
TA = 27.15
°C, 300K, R
L
= 1 M
Ω (after full warmup)
1.56
V
Temperature Slope
−40
°C ≤ T
A
≤ +85°C, R
L
= 1 M
Ω
4.6
mV/
°C
Output Impedance
1.0
kΩ
POWER SUPPLIES
Pin VPS1 and Pin VPS2
Voltage
4.75
5.5
V
Supply Current
ENBL = high
215
240
mA
ENBL = low
80
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com