Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5385
Rev. 0 | Page 10 of 24
–90
–80
–70
–60
–50
–40
–30
–20
–10
–8–6–4–2
0
2
4
LO AMPLITUDE (dBm)
50MHz
350MHz
Figure 15. Distribution of Sideband Suppression vs. LO Input Power at
50 MHz and 350 MHz
–80
–70
–60
–50
–40
–30
–20
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 16. Distribution Carrier Feedthrough vs. Output Frequency and
Temperature
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 17. Carrier Feedthrough Distribution at Temperature Extremes,
After Nulling to < −65 dBm at TA = +25°C
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
50
550
1050
1550
2050
I OFFSET
OUTPUT FREQUENCY (MHz)
Q OFFSET
Figure 18. Distribution of I and Q Offset Required to Null Carrier
Feedthrough
–90
–80
–70
–60
–50
–40
–30
–20
–10
–8
–6
–4
–2
0
2
4
LO AMPLITUDE (dBm)
50MHz
350MHz
Figure 19. Distribution Carrier Feedthrough vs. LO Input Power at
50 MHz and 350 MHz
0
10
20
30
40
50
60
70
80
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
OIP2
OIP3
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. OIP3 and OIP2 vs. Output Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com