Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5385
Rev. 0 | Page 12 of 24
CIRCUIT DESCRIPTION
OVERVIEW
The ADL5385 can be divided into five sections: the local
oscillator (LO) interface, the baseband voltage-to-current (V-to-I)
converter, the mixers, the differential-to-single-ended (D-to-S)
amplifier, and the bias circuit. A detailed block diagram of the
device is shown in Figure 26.
TEMPERATURE
SENSOR
BIAS
VOUT
TEMP
ENBL
IBBP
IBBN
QBBP
QBBN
LOIP
LOIN
DIVIDE-BY-2
QUADRATURE
PHASE
SPLITTER
Figure 26. ADL5385 Block Diagram
The LO interface generates two LO signals at 90° of phase
difference to drive two mixers in quadrature. Baseband signals
are converted into currents by the V-to-I converters that feed
into the two mixers. The outputs of the mixers are combined in
the differential-to-single-ended amplifier, which provides a 50 Ω
output interface. Reference currents to each section are
generated by the bias circuit. A detailed description of each
section follows.
LO INTERFACE
The LO interface consists of a buffer amplifier followed by a
pair of frequency dividers that generate two carriers at half the
input frequency and in quadrature with each other. Each carrier
is then amplified and amplitude-limited to drive the double-
balanced mixers.
V-TO-I CONVERTER
The differential baseband input voltages that are applied to the
baseband input pins are fed to a pair of common-emitter,
voltage-to-current converters. The output currents then
modulate the two half-frequency LO carriers in the mixer stage.
MIXERS
The ADL5385 has two double-balanced mixers: one for the in-
phase channel (I channel) and one for the quadrature channel
(Q channel). These mixers are based on the Gilbert cell design
of four cross-connected transistors. The output currents from
the two mixers are summed together in the resistor-inductor
(RL) loads in the D-to-S amplifier.
D-TO-S AMPLIFIER
The output D-to-S amplifier consists of two emitter followers
driving a totem-pole output stage. Output impedance is
established by the emitter resistors in the output transistors.
The output of this stage connects to the output (VOUT) pin.
BIAS CIRCUIT
A band gap reference circuit generates the proportional-to-
absolute-temperature (PTAT) as well as temperature-independ-
ent reference currents used by different sections. The band-gap
circuit is turned on by a logic HIGH at the ENBL pin, which in
turn powers up the whole device. A PTAT voltage output is
available at the TEMP pin, which can be used for temperature
monitoring as well as for temperature compensation purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com