Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADL5385
Rev. 0 | Page 18 of 24
LO GENERATION USING PLLs
Analog Devices has a line of PLLs that can be used for
generating the LO signal. Table 4 lists the PLLs together with
their maximum frequency and phase noise performance.
Table 4. PLL Selection Table
Model
Frequency FIN (MHz)
@ 1 kHz Phase Noise
dBc/Hz, 200 kHz PFD
ADF4110
550
−91 @ 540 MHz
ADF4111
1200
−87@ 900 MHz
ADF4112
3000
−90 @ 900 MHz
ADF4113
4000
−91 @ 900 MHz
ADF4116
550
−89 @ 540 MHz
ADF4117
1200
−87 @ 900 MHz
ADF4118
3000
−90 @ 900 MHz
The ADF4360 comes as a family of chips, with nine operating
frequency ranges. One can be chosen depending on the local
oscillator frequency required. While the use of the integrated
synthesizer might come at the expense of slightly degraded
noise performance from the ADL5385, it can be a cheaper
alternative to a separate PLL and VCO solution. Table 5 shows
the options available.
Table 5. ADF4360 Family Operating Frequencies
Model
Output Frequency Range (MHz)
ADF4360-0
2400/2725
ADF4360-1
2050/2450
ADF4360-2
1850/2150
ADF4360-3
1600/1950
ADF4360-4
1450/1750
ADF4360-5
1200/1400
ADF4360-6
1050/1250
ADF4360-7
350/1800
ADF4360-8
65/400
TRANSMIT DAC OPTIONS
The AD9777 recommended in the previous sections is by no
means the only DAC that can be used to drive the ADL5385.
There are other appropriate DACs depending on the level of
performance required. Table 6 lists the dual Tx-DACs that
Analog Devices offers.
Table 6. Dual Tx—DAC Selection Table
Part
Resolution (Bits)
Update Rate
(MSPS Minimum)
AD9709
8
125
AD9761
10
40
AD9763
10
125
AD9765
12
125
AD9767
14
125
AD9773
12
160
AD9775
14
160
AD9777
16
160
AD9776
12
1000
AD9778
14
1000
AD9779
16
1000
All DACs listed have nominal bias levels of 0.5 V and use the
same DAC-modulator interface shown in Figure 31.
MODULATOR/DEMODULATOR OPTIONS
Table 7 lists other Analog Devices modulators and
demodulators.
Table 7. Modulator/Demodulator Options
Part
Mod/Demod
Frequency
Range (MHz)
Comments
AD8345
Mod
140 to 1000
AD8346
Mod
800 to 2500
AD8349
Mod
700 to 2700
ADL5390
Mod
20 to 2400
External Quadrature
ADL5370
Mod
300 to 1000
ADL5371
Mod
700 to 1300
ADL5372
Mod
1600 to 2400
ADL5373
Mod
2300 to 3000
ADL5374
Mod
3000 to 4000
AD8347
Demod
800 to 2700
AD8348
Demod
50 to 1000
AD8340
Vector Mod
700 to 1000
AD8341
Vector Mod
1500 to 2400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com