Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5385
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
NC
2
NC
3
NC
4
COM1
5
COM1
6
COM1
15 COM2
16 COM2
17 QBBN
18 QBBP
14 IBBN
13 IBBP
ADL5385
4 × 4 LFCSP
EXPOSED
PADDLE
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3
NC
No Connection. These pins can be left open or tied to ground.
4, 5, 6, 15,
16, 19, 20
COM1, COM2,
COM3
Power Supply Common Pins. COM1, COM2, and COM3 must all be connected to a ground plane via a
low impedance path.
7
VOUT
Device Output. Single-ended, 50 Ω internally biased RF/IF output; pin must be ac-coupled to the load.
8, 9, 11, 23,
24
VPS1, VPS2,
VPS3
Power Supply Pins. Decouple each pin with a 0.1 μF capacitor; Pin 8 and Pin 9 can share a single
capacitor, as can Pin 23 and Pin 24. All pins must be connected to the same supply (Vs).
10
TEMP
Temperature Sensor Output. Provides dc voltage proportional to die temperature. Slope is 4.6 mV/°C
12
ENBL
Device Enable. Shuts device down when grounded and enables device when pulled to supply
voltage.
13, 14, 17,
18
IBBP, IBBN,
QBBN, QBBP
Differential In-Phase and Quadrature Baseband Inputs. These high impedance inputs must be
externally dc-biased to 500 mV dc and driven from a low impedance source. Nominal characterized
ac signal swing is 700 mV p-p on each pin (150 mV to 850 mV). This results in a differential drive of
1.4 V p-p with a 500 mV dc bias.
21
LOIP
Single-Ended Two-Times Local Oscillator Input. This input is internally biased and must be
ac-coupled to the LO source.
22
LOIN
Common for LO Input. Must be ac-coupled to ground through a low impedance path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com