Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADL5385
Rev. 0 | Page 17 of 24
–50
–90
–85
–80
–75
–70
–65
–60
–55
48
40
41
42
43
44
45
46
47
–24
–10
–12
–14
–16
–18
–20
–22
CARRIER POWER (dBm)
ACPR1 (750kHz)
ACPR2 (5.25MHz)
ACPR3 (6.00MHz)
MER
Figure 38. ACP1, ACP2, ACP3, and Modulation Error Ratio (MER) vs. Output
Power for 256 QAM Transmitter
SPECTRAL PRODUCTS FROM HARMONIC MIXING
For broadband applications such as cable TV head-end
modulators, special attention must be paid to harmonics of the
LO. Figure 39 shows the level of these harmonics (out to 3 GHz)
as a function of the output frequency from 50 MHz to 1000 MHz,
in a single-sideband (SSB) test configuration, with a baseband
signal of 1 MHz and a SSB level of approximately −5 dBm. To
read this plot correctly, first pick the output frequency of
interest on the trace called POUT. The associated harmonics can
be read off the harmonic traces at multiples of this frequency.
For example, at an output frequency of 500 MHz, the
fundamental power is −5 dBm. The power of the second
(P2fc−BB) and third (P3fc+BB) harmonics is −63 dBm (at 1000 MHz)
and −16 dBm (at 1500 MHz), respectively. Of particular
importance are the products from odd-harmonics of the LO,
generated from the switching operation in the mixers.
For cable TV operation at frequencies above approximately
500 MHz, these harmonics fall out of the band and can be
filtered by a fixed filter. However, as the frequency drops below
500 MHz, these harmonics start to fall close to or inside the
cable band. This calls for either limitation of the frequency
range to above 500 MHz or the use of a switchable filter bank to
block in-band harmonics at low frequencies.
0
–90
0
1000
OUTPUT FREQUENCY (MHz)
–80
–70
–60
–50
–40
–30
–20
–10
100
200
300
400
500
600
700
800
900
POUT
P7LO + BB
P5LO – BB
P3LO + BB
P6LO – BB
P4LO + BB
P2LO – BB
Figure 39. Spectral Components for Output Frequencies
from 50 MHz to 1000 MHz
RF SECOND-ORDER PRODUCTS
A two-tone RF output signal produces second-order spectral
components at sum and difference frequencies. In broadband
systems, these intermodulation products fall inside the carrier
or in the adjacent channels. Output second-order RF
intermodulation intercept is defined as
OIP2_RF = POUT + (POUT − PIM(RF))
where PIM(RF) is the level of the intermodulation product at
FOUT1 + FOUT2. OIP2_RF levels from a two-tone test are plotted
as a function of carrier frequency in Figure 40, where the
baseband tones are 3.5 MHz and 4.5 MHz at −5 dBm each.
70
0
0
2250
OUTPUT FREQUENCY (MHz)
60
50
40
30
20
10
2000
1750
1500
1250
1000
750
500
250
Figure 40. Output Second-Order Intermodulation vs. Carrier Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com