Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADL5385
Rev. 0 | Page 21 of 24
CHARACTERIZATION SETUP
SSB SETUP
Figure 43 is a diagram of the characterization test stand setup for the ADL5385, which is intended to test the product as a single-sideband
modulator. The Aeroflex IFR3416 signal generator provides the I and Q inputs as well as the LO input. Output signals are measured
directly using the spectrum analyzer, and currents and voltages are measured using the Agilent 34401A multimeter.
RLM TEST RACK 1
AEROFLEX
IFR 3416
250kHz TO 6GHz
SIGNAL GENERATOR
RF
OUT
VPOS +5V
LO
OUTPUT
R&S SPECTRUM ANALYZER FSU 20Hz TO 8GHz
CONNECT TO BACK OF UNIT
RF
IN
AGILENT 34401A MULTIMETER
–
AGILENT E3631A
POWER SUPPLY
6V
+
–
±25V
COM
+
5.0000 0.210A
0.210 ADC
90 DEG
0 DEG
I
Q
DELL
J4(QP)
J5(IN)
J6(IP)
J7(LO)
J1(OUT)
VPOS
J3(QN)
GND
ADL5385
50MHz TO 2GHz
+6dBm
FREQ 100MHz TO 4GHz LEVEL 0dBm
BIAS 0.5V
BIAS 0.5V
GAIN 0.7V
GAIN 0.7V
Figure 43. ADL5385 Characterization Board SSB Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com