Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5385
Rev. 0 | Page 14 of 24
When an offset of +VIOS is applied to the I-channel inputs,
VIOPP = 500 mV + VIOS/2, while
VIOPN = 500 mV − VIOS/2, such that
VIOPP − VIOPN = VIOS
The same applies to the Q channel.
It is often desirable to perform a one-time carrier null
calibration. This is usually performed at a single frequency.
Figure 29 shows how carrier feedthrough varies with LO
frequency over a range of ±50 MHz on either side of a null at
350 MHz.
–25
–85
310
400
OUTPUT FREQUENCY (MHz)
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
320
330
340
350
360
370
380
390
300
Figure 29. Carrier Feedthrough vs. Frequency After Nulling at 350 MHz
Sideband Suppression Optimization
Sideband suppression results from relative gain and relative
phase offsets between the I and Q channels and can be
suppressed through adjustments to those two parameters.
Figure 30 illustrates how sideband suppression is affected by the
gain and phase imbalances.
0dB
0.0125dB
0.025dB
0.05dB
0.125dB
0.25dB
0.5dB
1.25dB
2.5dB
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.01
0.1
1
10
100
PHASE ERROR (Degrees)
Figure 30. Sideband Suppression vs. Quadrature Phase Error for Various
Quadrature Amplitude Offsets
Figure 30 underscores the fact that adjusting one parameter
improves the sideband suppression only to a point; the other
parameter must also be adjusted. For example, if the amplitude
offset is 0.25 dB, improving the phase imbalance better than 1°
does not yield any improvement in the sideband suppression.
For optimum sideband suppression, an iterative adjustment
between phase and amplitude is required.
The sideband suppression nulling can be performed either through
adjusting the gain for each channel or through the modification
of the phase and gain of the digital data coming from the digital
signal processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com