Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL5385
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, VS = 5 V; TA = 25°C; LO = −7 dBm; I/Q inputs = 1.4 V p-p differential sine waves in quadrature on a 500 mV dc bias;
baseband frequency = 1 MHz; LO source and RF output load impedances are 50 Ω.
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
VS = 5.5V
VS = 5.V
VS = 4.75V
Figure 3. Single Sideband (SSB) Output Power (POUT) vs. Output Frequency
and Power Supply
0
1
2
3
4
5
6
7
8
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 4. Single Sideband (SSB) Output Power (POUT) vs. Output Frequency
and Temperature
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
10M
100M
1G
BASEBAND FREQUENCY (Hz)
Figure 5. Baseband Frequency Response Normalized to Response for 1 MHz
BB Signal; Carrier Frequency = 500 MHz
4
5
6
7
8
9
10
11
12
13
14
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
VS = 5.5V
VS = 5.V
VS = 4.75V
Figure 6. Output 1 dB Compression Point (OP1dB) vs. Output Frequency
and Power Supply
0
2
4
6
8
10
12
14
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 7. Output 1 dB Compression Point (OP1dB) vs. Output Frequency
and Temperature
–80
–70
–60
–50
–40
–30
–20
–10
–15
–5
0
5
10
15
BASEBAND AMPLITUDE (V p-p)
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
SSB OUTPUT POWER (dBm)
CARRIER FEEDTHROUGH (dBm)
SIDEBAND SUPPRESSION (dBc)
SECOND-ORDER DISTORTION (dBc)
THIRD-ORDER DISTORTION (dBc)
Figure 8. SSB Output Power, Second- and Third-Order Distortion,
Carrier Feedthrough and Sideband Suppression vs. Differential
Baseband Input Level; Output Frequency = 350 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com