Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5385ACPZ-R2
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5385ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5385
Rev. 0 | Page 13 of 24
BASIC CONNECTIONS
Figure 27 shows the basic connections for the ADL5385.
R22
10kΩ
VPOS
GND
VPOS
VPOS
SW21
R21
49.9Ω
OFF
ON
LO
VOUT
ENBL
RFPQ
0Ω
RFNQ
0Ω
CFPQ
OPEN
CFNQ
OPEN
QBBP
QBBN
24 VPS3
23 VPS3
22 LOIN
21 LOIP
20 COM3
19 COM3
VOUT 7
VPS1 8
VPS1 9
TEMP 10
VPS2 11
ENBL 12
ADL5385
4 × 4 LFCSP
EXPOSED PADDLE
TEMP
ENB
RTQ
OPEN
R11
0Ω
RFNI
0Ω
RFPI
0Ω
CFNI
OPEN
CFPI
OPEN
IBBN
IBBP
RTI
OPEN
CLOP
0.1µF
CLON
0.1µF
C11
OPEN
C12
0.1µF
R12
0Ω
RTEMP
200Ω
C14
0.1µF
C13
OPEN
C16
0.1µF
C15
OPEN
COUT
0.1µF
R13
0Ω
Figure 27. Basic Connections for the ADL5385
Power Supply and Grounding
All the VPS pins must be connected to the same 5 V source. Adja-
cent pins of the same name can be tied together and decoupled with
a 0.1 μF capacitor. These capacitors are located as close as possible
to the device. The power supply can range from 4.75 V to 5.5 V.
The COM1 pin, COM2 pin, and COM3 pin are tied to the same
ground plane through low impedance paths. The exposed
paddle on the underside of the package is also soldered to a low
thermal and electrical impedance ground plane. If the ground
plane spans multiple layers on the circuit board, they should be
stitched together with nine vias under the exposed paddle. The
Analog Devices AN-772 application note discusses the thermal
and electrical grounding of the LFCSP in greater detail.
Baseband Inputs
The baseband inputs QBBP, QBBN, IBBP, and IBBN must be
driven from a differential source. The nominal drive level of
1.4 V p-p differential (700 mV p-p on each pin) is biased to
a common-mode level of 500 mV dc.
The dc common-mode bias level for the baseband inputs can
range from 400 mV to 600 mV. This results in a reduction in the
usable input ac swing range. The nominal dc bias of 500 mV
allows for the largest ac swing, limited on the bottom end by the
ADL5385 input range and on the top end by the output
compliance range on most Analog Devices DACs.
LO Input
A single-ended LO signal is applied to the LOIP pin through an
ac coupling capacitor. The recommended LO drive power is
−7 dBm. The LO return pin, LOIN, must be ac-coupled to
ground though a low impedance path.
The nominal LO drive of −7 dBm can be increased to up to
+5 dBm. The effect of LO power on sideband suppression and
carrier feedthrough is shown in Figure 15 and Figure 19.
RF Output
The RF output is available at the VOUT pin (Pin 7). This pin
must also be ac-coupled. The VOUT pin has a nominal
broadband impedance of 50 Ω and does not need further
external matching.
OPTIMIZATION
The carrier feedthrough and sideband suppression performance
of the ADL5385 can be improved through the use of optimiza-
tion techniques.
Carrier Feedthrough Nulling
Carrier feedthrough results from minute dc offsets that occur
between each of the differential baseband inputs. In an ideal
modulator, the quantities (VIOPP − VIOPN) and (VQOPP − VQOPN)
are equal to zero, and this results in no carrier feedthrough. In
a real modulator, those two quantities are nonzero and, when
mixed with the LO, result in a finite amount of carrier feedthrough.
The ADL5385 is designed to provide a minimal amount of carrier
feedthrough. If even lower carrier feedthrough levels are required,
minor adjustments can be made to the (VIOPP − VIOPN) and (VQOPP
VQOPN) offsets. The I-channel offset is held constant while the
Q-channel offset is varied until a minimum carrier feedthrough
level is obtained. The Q-channel offset required to achieve this
minimum is held constant while the offset on the I-channel is
adjusted, until a better minimum is reached. Through two
iterations of this process, the carrier feedthrough can be
reduced to as low as the output noise. The ability to null is
sometimes limited by the resolution of the offset adjustment.
Figure 28 shows the relationship of carrier feedthrough vs. dc offset.
–58
–94
VP-VN OFFEST (µV)
–62
–66
–70
–74
–78
–82
–86
–90
Figure 28. Carrier Feedthrough vs. DC Offset Voltage at 450 MHz
Note that throughout the nulling process, the dc bias for the
baseband inputs remains at 500 mV. When no offset is applied,
VIOPP = VIOPN = 500 mV, or
VIOPP − VIOPN = VIOS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com